データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12149D データシート(PDF) 3 Page - Freescale Semiconductor, Inc

部品番号 MC12149D
部品情報  LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC12149D データシート(HTML) 3 Page - Freescale Semiconductor, Inc

  MC12149D Datasheet HTML 1Page - Freescale Semiconductor, Inc MC12149D Datasheet HTML 2Page - Freescale Semiconductor, Inc MC12149D Datasheet HTML 3Page - Freescale Semiconductor, Inc MC12149D Datasheet HTML 4Page - Freescale Semiconductor, Inc MC12149D Datasheet HTML 5Page - Freescale Semiconductor, Inc MC12149D Datasheet HTML 6Page - Freescale Semiconductor, Inc MC12149D Datasheet HTML 7Page - Freescale Semiconductor, Inc MC12149D Datasheet HTML 8Page - Freescale Semiconductor, Inc MC12149D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC12149
3
MOTOROLA RF/IF DEVICE DATA
OPERATIONAL CHARACTERISTICS
A simplified schematic of the MC12149 is found in
Figure 1. The oscillator incorporates positive feedback by
coupling the base of transistor Q2 to the collector of transistor
Q1. In order to minimize interaction between the VCO
outputs and the oscillator tank transistor pair, a buffer is
incorporated into the circuit. This differential buffer is realized
by the Q3 and Q4 transistor pair. The differential buffer drives
the gate which contains the primary open collector outputs, Q
and QB. The output is actually a current which has been set
by an internal bias driver to a nominal current of 4mA.
Additional circuitry is incorporated into the tail of the current
source which allows the current source to be increased to
approximately 10 mA. This is accommodated by the addition
of a resistor which is brought out to the CNTL pin. When this
pin is tied to ground, the additional current is sourced through
the current source thus increasing the output amplitude of the
Q/QB output pair. If less than 10mA of current is needed, a
resistor can be added to ground which reduces the amount of
current.
The Q/QB outputs drive an additional differential buffer
which generate the Q2 output signal. To minimize current, the
circuit is realized as an emitter–follower buffer with an on chip
pull down resistor. This output is intended to drive the
prescaler input of the PLL synthesizer block.
APPLICATION INFORMATION
Figure 2 illustrates the external components necessary for
the proper operation of the VCO buffer. The tank circuit
configuration in this figure allows the VCO to be tuned across
the full operating voltage of the power supply. This is very
important in 3.0 V applications where it is desirable to utilize
as much of the operating supply range as possible so as to
minimize the VCO sensitivity (MHz/V). In most situations, it is
desirable to keep the sensitivity low so the circuit will be less
susceptible to external noise influences. An additional benefit
to this configuration is that additional regulation/ filtering can
be incorporated into the VCC line without compromising the
tuning range of the VCO. With the ac–coupled tank
configuration, the Vtune voltage can be greater than the VCC
voltage supplied to the device.
There are four main areas that the user directly influences
the performance of the VCO. These include Tank Design,
Output Termination Selection, Power Supply Decoupling,
and Circuit Board Layout/Grounding.
The design of the tank circuit is critical to the proper
operation of the VCO. This tank circuit directly impacts the
main VCO operating characteristics:
1)
Frequency of Operation
2)
Tuning Sensitivity
3)
Voltage Supply Pushing
4)
Phase Noise Performance
The tank circuit, in its simplest form, is realized as an LC
circuit which determines the VCO operating frequency. This
is described in Equation 1.
Equation 1
fo +
1
2
p
LC
In the practical case, the capacitor is replaced with a
varactor diode whose capacitance changes with the voltage
applied, thus changing the resonant frequency at which the
VCO tank operates. The capacitive component in Equation 1
also needs to include the input capacitance of the device and
other circuit and parasitic elements. Typically, the inductor is
realized as a surface mount chip or a wound–coil. In addition,
the lead inductance and board inductance and capacitance
also have an impact on the final operating point.
Figure 1. Simplified Schematic
Q3
Q4
Q1
Q2
Q5
Q6
VCC
Q
QB
VCC
GND
VREF
CNTL
136
200
1000
Q2
TANK
VREF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC12149D

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC12149D MOTOROLA-MC12149D Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
MC12149D LANSDALE-MC12149D Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
MC12149D LANSDALE-MC12149D Datasheet
344Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
More results

同様の説明 - MC12149D

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149_08 Datasheet
344Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Motorola, Inc
MC12147 MOTOROLA-MC12147 Datasheet
391Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com