データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV212A48U データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 MTV212A48U
部品情報  8051 Embedded Monitor Controller MTP Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

MTV212A48U データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MTV212A48U Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212A48U Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212A48U Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212A48U Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212A48U Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212A48U Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212A48U Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV212A48U Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV212A48U Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
MYSON
TECHNOLOGY
MTV212M64
(Rev. 1.2)
Revision 1.2
- 7 -
2000/07/04
P54E
= 1
→ pin “DA4/P5.4”is P5.4.
= 0
→ pin “DA4/P5.4”is DA4.
P53E
= 1
→ pin “DA3/P5.3”is P5.3.
= 0
→ pin “DA3/P5.3”is DA3.
P52E
= 1
→ pin “DA2/P5.2”is P5.2.
= 0
→ pin “DA2/P5.2”is DA2.
P51E
= 1
→ pin “DA1/P5.1”is P5.1.
= 0
→ pin “DA1/P5.1”is DA1.
P50E
= 1
→ pin “DA0/P5.0”is P5.0.
= 0
→ pin “DA0/P5.0”is DA0.
HIICE
= 1
→ pin “HSCL/P3.0/Rxd”is HSCL;
pin “HSDA/P3.1/Txd” is HSDA.
= 0
→ pin “HSCL/P3.0/Rxd”is P3.0/Rxd;
pin “HSDA/P3.1/Txd” is P3.1/Txd.
IIICE
= 1
→ pin “ISDA/P3.4/T0”is ISDA;
pin “ISCL/P3.5/T1” is ISCL.
= 0
→ pin “ISDA/P3.4/T0”is P3.4/T0;
pin “ISCL/P3.5/T1” is P3.5/T1.
HLFVE = 1
→ pin “DA9/HALFV”is VSYNC half frequency output.
= 0
→ pin “DA9/HALFV”is DA9.
HLFHE = 1
→ pin “DA8/HALFH”is HSYNC half frequency output.
= 0
→ pin “DA8/HALFH”is DA8.
HCLPE = 1
→ pin “DA7/HCLAMP”is HSYNC clamp pulse output.
= 0
→ pin “DA7/HCLAMP”is DA7.
P42E
= 1
→ pin “STOUT/P4.2”is P4.2.
= 0
→ pin “STOUT/P4.2”is STOUT.
P41E
= 1
→ pin “HBLANK/P4.1”is P4.1.
= 0
→ pin “HBLANK/P4.1”is HBLANK.
P40E
= 1
→ pin “VBLANK/P4.0”is P4.0.
= 0
→ pin “VBLANK/P4.0”is VBLANK.
OPTION (w) :
Chip option configuration (All are "0" in Chip Reset).
PWMF = 1
→ select 94KHz PWM frequency.
= 0
→ select 47KHz PWM frequency.
DIV253 = 1
→ PWM pulse width is 253 step resolution.
= 0
→ PWM pulse width is 256 step resolution.
FclkE
= 1
→ Double CPU clock freq.
IICpass = 1
→ HSCL/HSDA pin bypass to ISCL/ISDA pin in DDC2 mode.
= 0
→ Separate Master and Slave IIC block.
ENSCL = 1
→ Enable slave IIC block to hold HSCL pin low while MTV212M can't catch-up the
external master's speed.
Msel
= 1
→ Master IIC block connect to HSCL/HSDA pins.
= 0
→ Master IIC block connect to ISCL/ISDA pins.
MIICF1,MIICF0 = 1,1
→ select 400KHz Master IIC frequency.
= 1,0
→ select 200KHz Master IIC frequency.
= 0,1
→ select 50KHz Master IIC frequency.
= 0,0
→ select 100KHz Master IIC frequency.
SlvAbs1,SlvAbs0 : Slave IIC block A's slave address length.
= 1,0
→ 5-bits slave address.
= 0,1
→ 6-bits slave address.
= 0,0
→ 7-bits slave address.
XBANK (r/w) : Auxiliary RAM bank switch.
Xbnk[2:0]
= 0
→ Select AUXRAM bank 0.
= 1
→ Select AUXRAM bank 1.
= 2
→ Select AUXRAM bank 2.
= 3
→ Select AUXRAM bank 3.


同様の部品番号 - MTV212A48U

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV212A48U ETC1-MTV212A48U Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

同様の説明 - MTV212A48U

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com