データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KDD25-12S05 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 KDD25-12S05
部品情報  DC-DC CONVERTER 21.5 ~ 25W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

KDD25-12S05 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  KDD25-12S05 Datasheet HTML 1Page - List of Unclassifed Manufacturers KDD25-12S05 Datasheet HTML 2Page - List of Unclassifed Manufacturers KDD25-12S05 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC-DC CONVERTER
KDD25 SERIES
21.5 ~ 25W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25
Unless Otherwise Noticed
GENERAL SPECIFICATION
* Switching frequency: .........................
* Isolation voltage: ..............................
* Isolation resistance: ..........................
* Operating ambient temperature: .........
* Storage temperature: ........................
* Max. Case temperature: .....................
* M.T.B.F.: ..........................................
* Cooling: ...........................................
* Temperature coefficient: ....................
* Dimension: ......................................
80KHz
1,500VDC
1G Ω(min.)
-25 to +71℃
-40 to +85℃
90℃
389,000Hrs at @ GF40, according to MIL-HDBK-217F
Free air convection
±0.02% / ℃
70 x 70 x 23mm
INPUT SPECIFICATIONS
* Input voltage range / frequency: ..........
* Input filter: .......................................
* No load input current: ........................
* Max. Input voltage: ...........................
9 ~ 18VDC for 12V
18 ~ 36VDC for 24V
36 ~ 72VDC for 48V
Pi type
35mA for 12V in
30mA for 24V in
25mA for 12V in
20VDC for 12V in
40VDC for 24V in
75VDC for 48V in
OUTPUT SPECIFICATIONS
* Output voltage accuracy: ...................
* Minimum load: ..................................
* Line regulation: ................................
* Load regulation: ...............................
* Ripple & noise: .................................
* Efficiency: ........................................
* Derating: .........................................
* Case material: ..................................
±1 at Vo_nom
No load for single output models
±20% at Vo_nom for dual output models
±1% at Vo_nom
±2% at Vo_nom for single output models
±5% at Vo_nom for dual output models
Vout.x ±2%
Up to 83%, see model list
See table 1
Metal
CONTROL AND PROTECTION
* Input reversed: .................................
* Output short circuit: ..........................
Shunt diode use external fuse
Continuous


同様の部品番号 - KDD25-12S05

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
KDD25-12T01 ETC-KDD25-12T01 Datasheet
147Kb / 3P
   DC-DC CONVERTER
KDD25-12T02 ETC-KDD25-12T02 Datasheet
147Kb / 3P
   DC-DC CONVERTER
More results

同様の説明 - KDD25-12S05

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
MORNSUN Science& Techno...
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
Mean Well Enterprises C...
TKA30 MEANWELL-TKA30_11 Datasheet
202Kb / 1P
   25W DC-DC Triple Output Converter
TKA30 MEANWELL-TKA30 Datasheet
200Kb / 1P
   25W DC-DC Triple Output Converter
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
   25W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com