データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC5423L データシート(PDF) 9 Page - Texas Instruments

部品番号 TPIC5423L
部品情報  4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPIC5423L データシート(HTML) 9 Page - Texas Instruments

Back Button TPIC5423L Datasheet HTML 3Page - Texas Instruments TPIC5423L Datasheet HTML 4Page - Texas Instruments TPIC5423L Datasheet HTML 5Page - Texas Instruments TPIC5423L Datasheet HTML 6Page - Texas Instruments TPIC5423L Datasheet HTML 7Page - Texas Instruments TPIC5423L Datasheet HTML 8Page - Texas Instruments TPIC5423L Datasheet HTML 9Page - Texas Instruments TPIC5423L Datasheet HTML 10Page - Texas Instruments TPIC5423L Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TPIC5423L
4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL
POWER DMOS ARRAY
SLIS045 – NOVEMBER 1994
2–9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
MAXIMUM DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
VDS – Drain-to-Source Voltage – V
† Less than 2% duty cycle
10
1
0.1
0.1
1
10
100
1 ms†
500
µs†
TC = 25°C
θJA‡
θJP§
‡ Device mounted on FR4 printed-circuit board with no heatsink.
§ Device mounted in intimate contact with infinite heatsink.
10 ms†
1
µs†
DC Conditions
Figure 15
MAXIMUM PEAK AVALANCHE CURRENT
vs
TIME DURATION OF AVALANCHE
tav – Time Duration of Avalanche – ms
10
1
TC = 25°C
TC = 125°C
0.01
0.1
1
10
100
See Figure 4
Figure 16


同様の部品番号 - TPIC5423L

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC5421L TI1-TPIC5421L Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5421LDW TI1-TPIC5421LDW Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5421LNE TI1-TPIC5421LNE Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC5424LDW TI1-TPIC5424LDW Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
More results

同様の説明 - TPIC5423L

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI1-TPIC5223L_11 Datasheet
268Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5403 TI-TPIC5403 Datasheet
295Kb / 14P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5203 TI1-TPIC5203 Datasheet
261Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5322L TI1-TPIC5322L Datasheet
228Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
TPIC5421L TI1-TPIC5421L Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com