データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3858 データシート(PDF) 1 Page - Filtran LTD

部品番号 TPA3858
部品情報  Audio Line Coupling / Bridging Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FILTRAN [Filtran LTD]
ホームページ  http://www.filtran.com
Logo FILTRAN - Filtran LTD

TPA3858 データシート(HTML) 1 Page - Filtran LTD

  TPA3858 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Audio
Line Coupling / Bridging Transformer
TPA3858
TPA3858 is a 1 : 1 line match-
ing transformer with the fol-
lowing features.
Low profile.
Small volume.
Conforming to FCC part
68 and Canadian CS 03
regulations.
Low cost.
High insulation voltage.
Applications:
Interfacing equipment to tele-
phone line, requiring small
size and high insulation volt-
age.
TPA3858-2 is designed for
high impedance bridging ap-
plications.
Impedance
600 : 600
10 K : 10 K
Insertion Loss
@ 1000 Hz
< 1.0 dB
< 0.5 dB
Frequency Response
300 -5000 Hz
< 1.0 dB
< 0.5dB
Longitudinal Balance
300 - 3500 Hz
> 65 dB
> 65 dB
Winding Resistance
(1 - 4)
57
Ω nom.
250
Ω nom.
(5 - 8)
57
Ω nom.
250
Ω nom.
Return loss
300 - 3500 Hz
> 15 dB
Bridging Loss on 600
Ω line
< 0.25 dB
and when teminated 10 K
at the output
Dielectric Strength
2500 Vrms
2500 Vrms
TPA3858
Filtran Limited
229 Colonnade Road, Nepean, Ontario, K2E 7K3, Canada,
7-6
Tel:(613) 226-1626, Fax:(613) 226-7124.
TPA3858-1
4
3
2
1
4
1
5
6
7
8
5
8
ELECTRICAL
TPA3858 & -1
TPA3858-2
DRILL 0.040
8 PLACES
GRID 0.10 x 0.10
WHITE DOT
0.45 MAX
85
14
DIA 0.025
0.12 MIN
DIMENSIONS ARE
IN INCHES
0.50 MAX
0.50
MAX
TPA3858-2
4
2
3
1
5
7
6
8
MECHANICAL


同様の部品番号 - TPA3858

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
logo
Texas Instruments
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1PWP TI-TPA3000D1PWP Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3858

メーカー部品番号データシート部品情報
logo
Filtran LTD
3858-3 FILTRAN-3858-3 Datasheet
138Kb / 1P
   Audio Line Coupling / Bridging Transformer
3858-X FILTRAN-3858-X Datasheet
147Kb / 1P
   Audio Line Coupling/ Bridging Transformer
TPA4499 FILTRAN-TPA4499 Datasheet
29Kb / 1P
   Audio Bridging Transformer
TEW6140 FILTRAN-TEW6140 Datasheet
22Kb / 1P
   Audio Bridging Transformer
7236 FILTRAN-7236 Datasheet
146Kb / 1P
   AUDIO Coupling Transformer
logo
TRIAD MAGNETICS
TY-311P TRIAD-TY-311P_13 Datasheet
54Kb / 1P
   Audio Transformer Data Coupling
TY-403P TRIAD-TY-403P_13 Datasheet
44Kb / 1P
   Audio Transformer Data coupling
TY-304P TRIAD-TY-304P_13 Datasheet
43Kb / 1P
   Audio Transformer Data Coupling
TY-301P TRIAD-TY-301P_13 Datasheet
41Kb / 1P
   Audio Transformer Data Coupling
TY-303P TRIAD-TY-303P_13 Datasheet
41Kb / 1P
   Audio Transformer Data coupling
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com