データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74GTLPH16927 データシート(PDF) 11 Page - Texas Instruments

部品番号 SN74GTLPH16927
部品情報  18-BIT LVTTL-TO-GTLP BUS TRANSCEIVER WITH SOURCE-SYNCHRONOUS CLOCK OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLPH16927 データシート(HTML) 11 Page - Texas Instruments

Back Button SN74GTLPH16927 Datasheet HTML 7Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 8Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 9Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 10Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 11Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 12Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 13Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 14Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SN74GTLPH16927
18-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
WITH SOURCE-SYNCHRONOUS CLOCK OUTPUTS
SCES413 – OCTOBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
skew characteristics over recommended ranges of supply voltage and operating free-air
temperature, VREF = 1 V (unless otherwise noted); standard lumped loads, CL = 30 pF for B port
(see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
FSTA
TEST
CONDITIONS
MIN
MAX
UNIT
tsk(LH)‡
SYSCLK
B
0.5
ns
tsk(HL)‡
SYSCLK
B
0.5
ns
SSCLK
→ B
VCC = 3.15 V, T = 85°C
3.4
4.7
tsk(LH)‡
SYSCLK
SSCLK
→ Bn
(see Figure 2)
GND
VCC = 3.3 V, T = 25°C
3.2
4.5
ns
(see Figure 2)
VCC = 3.45 V, T = 40°C
3.1
4.4
SSCLK
→ B
VCC = 3.15 V, T = 85°C
3.2
4.6
tsk(HL)‡
SYSCLK
SSCLK
→ Bn
(see Figure 2)
GND
VCC = 3.3 V, T = 25°C
2.8
4.1
ns
(see Figure 2)
VCC = 3.45 V, T = 40°C
2.4
3.7
SSCLK
→ B
VCC = 3.15 V, T = 85°C
7.1
8.9
tsk(LH)‡
SYSCLK
SSCLK
→ Bn
(see Figure 2)
VCC
VCC = 3.3 V, T = 25°C
6.6
8.4
ns
(see Figure 2)
VCC = 3.45 V, T = 40°C
6.3
8
SSCLK
→ B
VCC = 3.15 V, T = 85°C
7.2
9
tsk(HL)‡
SYSCLK
SSCLK
→ Bn
(see Figure 2)
VCC
VCC = 3.3 V, T = 25°C
6.5
8.2
ns
(see Figure 2)
VCC = 3.45 V, T = 40°C
6
7.6
tsk(t)‡
SYSCLK
B
1.3
ns
tsk(prLH)§
SYSCLK
B
1.8
ns
tsk(prHL)§
SYSCLK
B
2.8
ns
† Actual skew values between the GTLP outputs could vary on the backplane due to the loading and impedance seen by the device.
‡ tsk(LH)/tsk(HL) and tsk(t) – Output-to-output skew is defined as the absolute value of the difference between the actual propagation delay for all
outputs with the same packaged device. The specifications are given for specific worst-case VCC and temperature. The specifications apply to
any outputs switching in the same direction, either high to low [tsk(HL)], low to high [tsk(LH)], or in opposite directions, both low to high and high
to low [tsk(t)].
§ tsk(prLH) or tsk(prHL) – Part-to-part skew is designed as the absolute value of the difference between the actual propagation delay for all outputs
from device to device. The parameter is specified for a specific worst-case VCC and temperature. Furthermore, these values are provided by
TI SPICE simulations.


同様の部品番号 - SN74GTLPH16927

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912GR TI-SN74GTLPH16912GR Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912GR TI-SN74GTLPH16912GR Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912VR TI-SN74GTLPH16912VR Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912VR TI-SN74GTLPH16912VR Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
More results

同様の説明 - SN74GTLPH16927

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74GTLPH32916 TI1-SN74GTLPH32916 Datasheet
397Kb / 18P
[Old version datasheet]   34-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
GTLP17T616 FAIRCHILD-GTLP17T616 Datasheet
93Kb / 10P
   17-Bit LVTTL/GTLP Bus Transceiver with Buffered Clock
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com