データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA213 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 LA213
部品情報  Photocoupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LA213 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  LA213 Datasheet HTML 1Page - List of Unclassifed Manufacturers LA213 Datasheet HTML 2Page - List of Unclassifed Manufacturers LA213 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- 2 -
Letex Technology Corp.
Photocoupler
Part Name: LA213
Absolute Maximum Ratings (Ambient Temperature: 25℃)
Item
Symbol
Rating
Units
Note
Forward Current
IF
50
mA
Reverse Voltage
VR
5
V
Input
Peak Forward Current
IFP
1
A
Collector to Emitter Voltage
Vceo
35
V
Ic=1mA, IB=0
Emitter to Collector Voltage
Veco
6
V
IE=100µA, IB=0
Collector Current
Ic
80
mA
Output
Power Dissipation
Pc
150
mW
I/O Breakdown Voltage
VI/O
1500
Vrms
RH=60%, 1min
Power Dissipation
PD
200
mW
Storage Temperature
Tstg
-55 to +125
Operating Temperature
Top
-55 to +100
Soldering Temperature
TSol
260
10 seconds max.
Electrical Specifications (Ambient Temperature: 25℃)
Item
Symbol
MIN.
TYP.
MAX.
Units
Conditions
Forward Voltage
VF
1.2
1.4
V
IF= 20mA
Reverse Current
IR
10
µA
Junction Capacitance
Ct
30
pF
V=0, f=1.0KHz
C-E Breakdown Voltage
Vceo
35
V
Ic=0.5mA
E-C Breakdown Voltage
Veco
6
V
Ie=0.1mA
Collector Dark Current
Iceo
100
nA
Vce=20V, IF=0
Current Transfer Ratio
CTR
600
1600
7000
IF= 1mA, Vce=5V
Collector Saturation Voltage
Vce(sat)
1
V
IF=20mA, Ic=1mA
Isolation Resistance
RI/O
10
9
Ω
V=500V DC
Isolation Capacitance
CI/O
1.0
pF
V=0, f=1.0MHz
Rise Time
tr
300
µs
Vce=5V, Ic=2mA,
Fall Time
tf
250
µs
RL=100Ω


同様の部品番号 - LA213

メーカー部品番号データシート部品情報
logo
LETEX TECHNOLOGY CORP.
LA213 LETEX-LA213 Datasheet
189Kb / 4P
   Photocoupler
logo
LIGITEK electronics co....
LA213W-H LIGITEK-LA213W-H Datasheet
76Kb / 6P
   LED ARRAY
More results

同様の説明 - LA213

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
   PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
   PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
   PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
   PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
   Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
   Photocoupler
LA211 LETEX-LA211 Datasheet
195Kb / 4P
   Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
   PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
   Photocoupler
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com