データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT130169LWI-GT3 データシート(PDF) 6 Page - Catalyst Semiconductor

部品番号 CAT130169LWI-GT3
部品情報  Voltage Supervisor with Microwire Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT130169LWI-GT3 データシート(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT130169LWI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT130169LWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT130169LWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT130169LWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT130169LWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT130169LWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT130169LWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT130169LWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT130169LWI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT130xx
Doc. No. 1121 Rev. A
6
© 2007 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
EMBEDDED EEPROM OPERATION
The CAT130xx has a nonvolatile embedded memory
intended for use with industry standard micropro–
cessors. The memory can be organized as either
registers of 16 bits or 8 bits. The CAT130xx operates
on a single power supply and will generate on chip the
high voltage required during any write operation.
The format for all instructions sent to the device is a
logical “1” start bit, a 2-bit (or 4-bit) opcode, 6-bit
(13001) / 8-bit (13004) / 9-bit (13008) / 10-bit (13016)
address (an additional bit when organized as x8) and
for write operations a 16-bit data field (8-bit for x8
organization). The instruction format is shown in
Instruction Set Table.
INSTRUCTION SET
Address
Data
Instruction Device
Start
Bit
Opcode
x 8
x 16
x 8
x 16
Comments
13001
1
10
A6-A0
A5-A0
13004
1
10
A8-A0
A7-A0
13008
1
10
A9-A0
A8-A0
READ
13016
1
10
A10-A0
A9-A0
Read Address AN-A0
13001
1
11
A6-A0
A5-A0
13004
1
11
A8-A0
A7-A0
13008
1
11
A9-A0
A8-A0
ERASE
13016
1
11
A10-A0
A9-A0
Clear Address AN-A0
13001
1
01
A6-A0
A5-A0
D7-D0
D15-D0
13004
1
01
A8-A0
A7-A0
D7-D0
D15-D0
13008
1
01
A9-A0
A8-A0
D7-D0
D15-D0
WRITE
13016
1
01
A10-A0
A9-A0
D7-D0
D15-D0
Write Address AN-A0
13001
1
00
11xxxxx
11xxxx
13004
1
00
11xxxxxxx
11xxxxxx
13008
1
00
11xxxxxxxx
11xxxxxxx
EWEN
13016
1
00
11xxxxxxxxx 11xxxxxxxx
Write Enable
13001
1
00
00xxxxx
00xxxx
13004
1
00
00xxxxxxx
00xxxxxx
13008
1
00
00xxxxxxxx
00xxxxxxx
EWDS
13016
1
00
00xxxxxxxxx 00xxxxxxxx
Write Disable
13001
1
00
10xxxxx
10xxxx
13004
1
00
10xxxxxxx
10xxxxxx
13008
1
00
10xxxxxxxx
10xxxxxxx
ERAL
13016
1
00
10xxxxxxxxx 10xxxxxxxx
Clear All Addresses
13001
1
00
01xxxxx
01xxxx
D7-D0
D15-D0
13004
1
00
01xxxxxxx
01xxxxxx
D7-D0
D15-D0
13008
1
00
01xxxxxxxx
01xxxxxxx
D7-D0
D15-D0
WRAL
13016
1
00
01xxxxxxxxx 01xxxxxxxx
D7-D0
D15-D0
Write All Addresses


同様の部品番号 - CAT130169LWI-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT130169LWI-GT3 ONSEMI-CAT130169LWI-GT3 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
More results

同様の説明 - CAT130169LWI-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
logo
Catalyst Semiconductor
CAT14004 CATALYST-CAT14004 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com