データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT150029SWI-GT3 データシート(PDF) 11 Page - Catalyst Semiconductor

部品番号 CAT150029SWI-GT3
部品情報  Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT150029SWI-GT3 データシート(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT150029SWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT150029SWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT150029SWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT150029SWI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT150029SWI-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT150029SWI-GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT150029SWI-GT3 Datasheet HTML 13Page - Catalyst Semiconductor CAT150029SWI-GT3 Datasheet HTML 14Page - Catalyst Semiconductor CAT150029SWI-GT3 Datasheet HTML 15Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CAT15002, CAT15004
© 2007 Catalyst Semiconductor, Inc.
11
Doc. No. 1126 Rev. A
Characteristics subject to change without notice
READ OPERATIONS
Read from Memory Array
To read from memory, the host sends a READ
instruction followed by an 8-bit address (for the
CAT15008, bit 3 of the Read instruction opcode
contains address bit A8).
After receiving the last address bit, the CAT15002/04
will respond by shifting out data on the SO pin (as
shown in Figure 10). Sequentially stored data can be
read out by simply continuing to run the clock. The
internal address pointer is automatically incremented
to the next higher address as data is shifted out. After
reaching the highest memory address, the address
counter “rolls over” to the lowest memory address, and
the read cycle can be continued indefinitely. The read
operation is terminated by taking CS
¯¯ high.
Read Status Register
To read the status register, the host simply sends a
RDSR command. After receiving the last bit of the
command, the CAT15002/04 will shift out the contents
of the status register on the SO pin (Figure 11). The
status register may be read at any time, including
during an internal write cycle.
Figure 10. READ Timing
Notes:
* Please check the instruction set table for address
X = 0 for CAT15002; X=A8 for CAT15004
Dashed Line = mode (1, 1) - - - - - -
Figure 11. RDSR Timing
Note: Dashed Line = mode (1, 1) - - - - - -
01
2
3
4
5
6
78
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
CS
00
0
00
1
0
1
21
22
SCK
SI
SO
00
00
001
1
BYTE ADDRESS
0
1
2
3
4
5
6
7
8
9
10
121314
1516
1718
1920
D7 D6 D5 D4 D3 D2 D1 D0
CS
OPCODE
DATA OUT
MSB
HIGH IMPEDANCE
11
A7 A6 A5
A4
A3
A2 A1 A0
X*


同様の部品番号 - CAT150029SWI-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT150029SWI-GT3 ONSEMI-CAT150029SWI-GT3 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
More results

同様の説明 - CAT150029SWI-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT15002 ONSEMI-CAT15002 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com