データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT150029ZWI-GT3 データシート(PDF) 9 Page - Catalyst Semiconductor

部品番号 CAT150029ZWI-GT3
部品情報  Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT150029ZWI-GT3 データシート(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT150029ZWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT150029ZWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT150029ZWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT150029ZWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT150029ZWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT150029ZWI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT150029ZWI-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT150029ZWI-GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT150029ZWI-GT3 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CAT15002, CAT15004
© 2007 Catalyst Semiconductor, Inc.
9
Doc. No. 1126 Rev. A
Characteristics subject to change without notice
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, an 8-bit
address and data as shown in Figure 6 (for the
CAT15004, bit 3 of the Write instruciton opcode
contains address bit A8). Internal programming will
start after the low to high CS
¯¯ transition. During an
internal write cycle, all commands, except for RDSR
(Read Status Register) will be ignored. The RDY
¯¯¯¯ bit
will indicate if the internal write cycle is in progress
(RDY
¯¯¯¯ high), or the the device is ready to accept
commands (RDY
¯¯¯¯ low).
Page Write
After sending the first data byte to the CAT15002/04,
the host may continue sending data, up to a total of 32
bytes, according to timing shown in Figure 7. After
each data byte, the lower order address bits are
automatically incremented, while the higher order
address bits (page address) remain unchanged. If
during this process the end of page is exceeded, then
loading will “roll over” to the first byte in the page, thus
possibly overwriting previoualy loaded data. Following
completion of the write cycle, the CAT15002/04 is
automatically returned to the write disable state.
Figure 6. Byte WRITE Timing
Notes:
* X = 0 for CAT15002; X = A8 for CAT15004
Dashed Line = mode (1, 1) - - - - - -
Figure 7. Page WRITE Timing
Notes:
* X = 0 for CAT15002; X = A8 for CAT15004
Dashed Line = mode (1, 1) - - - - - -
SCK
SI
SO
00
00
00
1
0
BYTE ADDRESS
D7 D6 D5 D4 D3 D2 D1 D0
0
1
2
3
4
5
6
7
8
131415
1617
1819
20
2122
23
CS
OPCODE
DATA IN
HIGH IMPEDANCE
X*
A7
A0
SCK
SI
SO
00
00
00
10
BYTE ADDRESS
Data
Byte 1
01234
5678
13
14
15 16-23 24-31
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
16+(N-1)x8-1..16+(N-1)x8 16+Nx8-1
DATA IN
HIGH IMPEDANCE
A7
A0
X*


同様の部品番号 - CAT150029ZWI-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT150029ZWI-GT3 ONSEMI-CAT150029ZWI-GT3 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
More results

同様の説明 - CAT150029ZWI-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT15002 ONSEMI-CAT15002 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com