データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT140169TWI-GT3 データシート(PDF) 7 Page - Catalyst Semiconductor

部品番号 CAT140169TWI-GT3
部品情報  Voltage Supervisor with I2C Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT140169TWI-GT3 データシート(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT140169TWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT140169TWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT140169TWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT140169TWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT140169TWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT140169TWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT140169TWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT140169TWI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT140169TWI-GT3 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT140xx
© 2006 Catalyst Semiconductor, Inc.
7
Doc. No. 1117 Rev. A
Characteristics subject to change without notice
Figure 3. START/STOP Conditions
Figure 4. Slave Address Bits
Figure 5. Acknowledge Timing
Figure 6. Bus Timing
START
CONDITION
STOP
CONDITION
SDA
SCL
10
1
0
a10
a9
a8
R/W
CAT14016
10
1
0
A2
a9
a8
R/W
CAT14008
10
1
0
A2
A1
a8
R/W
CAT14004
10
1
0
A2
A1
A0
R/W
CAT14002
18
9
START
SCL FROM
MASTER
BUS RELEASE DELAY (TRANSMITTER)
BUS RELEASE DELAY (RECEIVER)
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
ACK DELAY (≤ tAA)
ACK SETUP (≥ tSU:DAT)
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH


同様の部品番号 - CAT140169TWI-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT140169TWI-GT3 ONSEMI-CAT140169TWI-GT3 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
More results

同様の説明 - CAT140169TWI-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
logo
Catalyst Semiconductor
CAT13008 CATALYST-CAT13008 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com