データシートサーチシステム |
|
CAT140041SWI-GT3 データシート(PDF) 6 Page - Catalyst Semiconductor |
|
CAT140041SWI-GT3 データシート(HTML) 6 Page - Catalyst Semiconductor |
6 / 14 page CAT140xx Doc. No. 1117 Rev. A 6 © 2006 Catalyst Semiconductor, Inc. Characteristics subject to change without notice EMBEDDED EEPROM OPERATION The CAT140xx supports the Inter-Integrated Circuit (I 2C) Bus data transmission protocol, which defines a device that sends data to the bus as a transmitter and a device receiving data as a receiver. Data flow is controlled by a Master device, which generates the serial clock and all START and STOP conditions. The CAT140xx acts as a Slave device. Master and Slave alternate as either transmitter or receiver. I 2C BUS PROTOCOL The I 2C bus consists of two ‘wires’, SCL and SDA. The two wires are connected to the VCC supply via pull-up resistors. Master and Slave devices connect to the 2-wire bus via their respective SCL and SDA pins. The transmitting device pulls down the SDA line to ‘transmit’ a ‘0’ and releases it to ‘transmit’ a ‘1’. Data transfer may be initiated only when the bus is not busy (see A.C. Characteristics). During data transfer, the SDA line must remain stable while the SCL line is HIGH. An SDA transition while SCL is HIGH will be interpreted as a START or STOP condition (Figure 3). The START condition precedes all commands. It consists of a HIGH to LOW transition on SDA while SCL is HIGH. The START acts as a ‘wake-up’ call to all receivers. Absent a START, a Slave will not respond to commands. The STOP condition completes all commands. It consists of a LOW to HIGH transition on SDA while SCL is HIGH. START The START condition precedes all commands. It consists of a HIGH to LOW transition on SDA while SCL is HIGH. The START acts as a ‘wake-up’ call to all receivers. Absent a START, a Slave will not respond to commands. STOP The STOP condition completes all commands. It consists of a LOW to HIGH transition on SDA while SCL is HIGH. The STOP starts the internal Write cycle (when following a Write command) or sends the Slave into standby mode (when following a Read command). Device Addressing The Master initiates data transfer by creating a START condition on the bus. The Master then broadcasts an 8-bit serial Slave address. For normal Read/Write operations, the first 4 bits of the Slave address are fixed at 1010 (Ah). The next 3 bits are used as programmable address bits when cascading multiple devices and/or as internal address bits. The last bit of the slave address, R/W, specifies whether a Read (1) or Write (0) operation is to be performed. The 3 address space extension bits are assigned as illustrated in Figure 4. A2, A1 and A0 must match the state of the external address pins, and a10, a9 and a8 are internal address bits. Acknowledge After processing the Slave address, the Slave responds with an acknowledge (ACK) by pulling down the SDA line during the 9 th clock cycle (Figure 5). The Slave will also acknowledge the address byte and every data byte presented in Write mode. In Read mode the Slave shifts out a data byte, and then releases the SDA line during the 9 th clock cycle. As long as the Master acknowledges the data, the Slave will continue transmitting. The Master terminates the session by not acknowledging the last data byte (NoACK) and by issuing a STOP condition. Bus timing is illustrated in Figure 6. |
同様の部品番号 - CAT140041SWI-GT3 |
|
同様の説明 - CAT140041SWI-GT3 |