データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DIX4192 データシート(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 DIX4192
部品情報  Integrated Digital Audio Interface Receiver and Transmitter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192 データシート(HTML) 6 Page - Burr-Brown (TI)

Back Button DIX4192 Datasheet HTML 2Page - Burr-Brown (TI) DIX4192 Datasheet HTML 3Page - Burr-Brown (TI) DIX4192 Datasheet HTML 4Page - Burr-Brown (TI) DIX4192 Datasheet HTML 5Page - Burr-Brown (TI) DIX4192 Datasheet HTML 6Page - Burr-Brown (TI) DIX4192 Datasheet HTML 7Page - Burr-Brown (TI) DIX4192 Datasheet HTML 8Page - Burr-Brown (TI) DIX4192 Datasheet HTML 9Page - Burr-Brown (TI) DIX4192 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: Power Supplies
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
DIX4192
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Recommended supply voltage range
VDD18
+1.65
+1.8
+1.95
V
VDD33
+3.0
+3.3
+3.6
V
VIO
+1.65
+3.3
+3.6
V
VCC
+3.0
+3.3
+3.6
V
Supply current: initial startup
All blocks powered down by default
IDD18S
VDD18 = +1.8V
10
µA
IDD33S
VDD33 = +3.3V
10
µA
IIOS
VIO = +3.3V
300
µA
ICCS
VCC = +3.3V
10
µA
Supply current: quiescent
All blocks powered up with no clocks applied
IDD18Q
VDD18 = +1.8V
2.3
mA
IDD33Q
VDD33 = +3.3V
0.6
mA
IIOQ
VIO = +3.3V
0.3
mA
ICCQ
VCC = +3.3V
6.3
mA
Supply current: dynamic
All blocks powered up, fS = 48kHz
IDD18D
VDD18 = +1.8V
5.1
mA
IDD33D
VDD33 = +3.3V
14.1
mA
IIOD(1)
VIO = +3.3V
46
mA
ICCD
VCC = +3.3V
7.4
mA
Supply current: high sampling rate
All blocks powered up, fS = 192kHz
IDD18H
VDD18 = +1.8V
6.7
mA
IDD33H
VDD33 = +3.3V
15
mA
IIOH(1)
VIO = +3.3V
47
mA
ICCH
VCC = +3.3V
7.5
mA
Total power dissipation: initial startup
All blocks powered down by default
1
mW
Total power dissipation: quiescent
All blocks powered up with no clocks applied
28
mW
Total power dissipation: dynamic
All blocks powered up, fS = 48kHz
233
mW
Total power dissipation: high sampling Rate
All blocks powered up, fS = 192kHz
242
mW
(1)
The typical VIO supply current is measured using the DIX4192EVM evaluation module with loading from the DAIMB mother-board
circuitry. VIO supply current is dependent upon the loading on the logic output pins.
6
Submit Documentation Feedback


同様の部品番号 - DIX4192

メーカー部品番号データシート部品情報
logo
Texas Instruments
DIX4192 TI1-DIX4192 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 TI1-DIX4192 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results

同様の説明 - DIX4192

メーカー部品番号データシート部品情報
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
   Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
   DIGITAL AUDIO INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com