データシートサーチシステム |
|
L6730CQTR データシート(PDF) 9 Page - STMicroelectronics |
|
L6730CQTR データシート(HTML) 9 Page - STMicroelectronics |
9 / 50 page L6730C - L6730D Pin connections and functions 9/50 11 OCL A resistor connected from this pin to ground sets the valley- current-limit. The valley current is sensed through the low-side MOSFET(s). The internal current generator sources a current of 100 µA (IOCL) from this pin to ground through the external resistor (ROCL). The over-current threshold is given by the following equation: Connecting a capacitor from this pin to GND helps in reducing the noise injected from VCC to the device, but can be a low impedance path for the high- frequency noise related to the GND. Connect a capacitor only to a “clean” GND. 12 OCH A resistor connected from this pin and the high-side MOSFET(s) drain sets the peak-current-limit. The peak current is sensed through the high-side MOSFET(s). The internal 100 µA current generator (IOCH) sinks a current from the drain through the external resistor (ROCH). The over-current threshold is given by the following equation: 13 PHASE This pin is connected to the source of the high-side MOSFET(s) and provides the return path for the high-side driver. This pin monitors the drop across both the upper and lower MOSFET(s) for the current limit together with OCH and OCL. 14 HGATE This pin is connected to the high-side MOSFET(s) gate. 15 BOOT Through this pin is supplied the high-side driver. Connect a capacitor from this pin to the PHASE pin and a diode from VCCDR to this pin (cathode versus BOOT). 16 PGND This pin has to be connected closely to the low-side MOSFET(s) source in order to reduce the noise injection into the device. 17 LGATE This pin is connected to the low-side MOSFET(s) gate. 18 VCCDR 5V internally regulated voltage. It is used to supply the internal drivers and as a voltage reference. Filter it to ground with at least 1µF ceramic cap. 19 VCC Supply voltage pin. The operative supply voltage range is from 4.5V to 14V. 20 PGOOD This pin is an open collector output and it is pulled low if the output voltage is not within the specified thresholds (90%-110%). If not used it may be left floating. Pull-up this pin to VCCDR with a 10K resistor to obtain a logical signal. Table 3. Pins connection DSonLS R 2 OCL R OCL I VALLEY I ⋅ ⋅ = DSonHS R OCH R OCH I PEAK I ⋅ = |
同様の部品番号 - L6730CQTR |
|
同様の説明 - L6730CQTR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |