データシートサーチシステム |
|
LM2954-33-AA3-B データシート(PDF) 1 Page - Unisonic Technologies |
|
LM2954-33-AA3-B データシート(HTML) 1 Page - Unisonic Technologies |
1 / 7 page UNISONIC TECHNOLOGIES CO., LTD LM2954 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 7 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R102-002.E 300 mA LOW-DROPOUT VOLTAGE REGULATOR DESCRIPTION The UTC LM2954 is a monolithic integrated voltage regulator with low dropout voltage, and low quiescent current. It includes many features that suitable for different applications with TO-92, DIP-8, SOP-8 and SOT-223 packages. FEATURES *High accuracy fixed output. *Output voltage programmable and Logic controlled shutdown and error flag available for DIP and SOP package. *Extremely low quiescent current and dropout voltage. *Extremely tight load and line regulation. *Current and thermal limiting. *Very low temperature coefficient. TO-92 SOP- 8 DIP-8 1 SOT-223 1 *Pb-free plating product number: LM2954L ORDERING INFORMATION Order Number Pin assignment Normal Lead Free Plating Package 1 2 3 Packing LM2954-xx-AA3-R LM2954L-xx-AA3-R SOT-223 I G O Tape Reel LM2954-xx-D08-T LM2954L-xx-D08-T DIP-8 Tube LM2954-xx-S08-R LM2954L-xx-S08-R SOP-8 Tape Reel LM2954-xx-S08-T LM2954L-xx-S08-T SOP-8 refer to Pin Configurations Tube LM2954-xx-T92-B LM2954L-xx-T92-B TO-92 O G I Tape Box LM2954-xx-T92-K LM2954L-xx-T92-K TO-92 O G I Bulk Note: 1. Pin assignment: I:Vin O:Vout G:Ground 2.xx: Output Voltage LM2954L-xx-AA3-R (1)Packing Type (2)Package Type (4)Lead Plating (1) B: Tape Box, K: Bulk, R: Tape Reel, T: Tube (2) AA3: SOT-223, D08: DIP-08, S08: SOP-8, T 92: TO-92 (4) L: Lead Free Plating, Blank: Pb/Sn (3)Output Voltage Code (3) xx: 3.3V:33, 5.0V:50, ADJ:AD |
同様の部品番号 - LM2954-33-AA3-B |
|
同様の説明 - LM2954-33-AA3-B |