データシートサーチシステム |
|
7480 データシート(PDF) 2 Page - Bi technologies |
|
7480 データシート(HTML) 2 Page - Bi technologies |
2 / 5 page 2-110 Model 7480 Series MECHANICAL Total Mechanical Travel 1800° + 15° – 0° Number of Gangs, Maximum 2 Weight, Nominal (single gang) 0.75 oz. Backlash, Maximum 1° 7481, 7486 7483 Static Stop Strength 60 oz.-in. 36 oz.-in. Panel Nut Tightening Torque, Maximum 25 lb.-in. N/A Shaft End Play, Maximum .010” .005” Shaft Runout, T.I.R., Maximum .003” .002” Pilot Diameter Runout, T.I.R., Maximum .004” .002” Lateral Runout, T.I.R., Maximum .005” .004” Shaft Radial Play, Maximum .003” .002” Start/Run Torque, Maximum (per gang) 1.2 oz.-in. 0.9 oz.-in. STANDARD RESISTANCE VALUES, OHMS Theoretical Total Resolution Tempco Resistance (% Nominal) of Wire 100 0.059 ±20 ppm/°C 200 0.037 ±20 ppm/°C 500 0.030 ±20 ppm/°C 1K 0.024 ±20 ppm/°C 2K 0.020 ±20 ppm/°C 5K 0.018 ±20 ppm/°C 10K 0.017 ±20 ppm/°C 20K 0.016 ±20 ppm/°C |
同様の部品番号 - 7480 |
|
同様の説明 - 7480 |