データシートサーチシステム |
|
TLV2254AMWB データシート(PDF) 10 Page - Texas Instruments |
|
TLV2254AMWB データシート(HTML) 10 Page - Texas Instruments |
10 / 53 page TLV225x, TLV225xA Advanced LinCMOS RAILTORAIL VERY LOW POWER OPERATIONAL AMPLIFIERS SLOS185D − FEBRUARY 1997 − REVISED AUGUST 2006 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLV2254I electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLV2254I TLV2254AI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 200 1500 200 850 µV VIO Input offset voltage Full range 1750 1000 µV αVIO Temperature coefficient of input 25 °C 0.5 0.5 µV/°C αVIO coefficient of input offset voltage 25 C to 85 °C 0.5 0.5 µV/°C Input offset voltage long-term drift (see Note 4) VDD ± = ±1.5 V, VIC = 0, 25 °C 0.003 0.003 µV/mo VDD ± = ±1.5 V, VO = 0, VIC = 0, RS = 50 Ω 25 °C 0.5 60 0.5 60 IIO Input offset current VO = 0, RS = 50 Ω −40 °C to 85 °C 150 150 pA Full range 1000 1000 25 °C 1 60 1 60 IIB Input bias current −40 °C to 85 °C 150 150 pA Full range 1000 1000 25 °C 0 − 0.3 0 − 0.3 VICR Common-mode input RS = 50 Ω, |VIO |≤5 mV 25 °C 0 to 2 − 0.3 to 2.2 0 to 2 − 0.3 to 2.2 V VICR Common-mode input voltage range RS = 50 Ω, |VIO | ≤5 mV Full range 0 0 V voltage range Full range 0 to 1.7 0 to 1.7 IOH = − 20 µA 25 °C 2.98 2.98 VOH High-level output IOH = − 75 µA 25 °C 2.9 2.9 V VOH High-level output voltage IOH = − 75 µA Full range 2.8 2.8 V voltage IOH = − 150 µA 25 °C 2.8 2.8 VIC = 1.5 V, IOL = 50 µA 25 °C 10 10 VIC = 1.5 V, IOL = 50 µA Full range 80 80 VOL Low-level output VIC = 1.5 V, IOL = 500 µA 25 °C 100 100 mV VOL Low-level output voltage VIC = 1.5 V, IOL = 500 µA Full range 150 150 mV voltage VIC = 1.5 V, IOL = 1 mA 25 °C 200 200 VIC = 1.5 V, IOL = 1 mA Full range 300 300 Large-signal VIC = 1.5 V, RL = 100 kΩ‡ 25 °C 100 225 100 225 AVD Large-signal differential voltage VIC = 1.5 V, VO = 1 V to 2 V RL = 100 kΩ‡ Full range 10 10 V/mV AVD differential voltage amplification VO = 1 V to 2 V RL = 1 MΩ‡ 25 °C 800 800 V/mV ri(d) Differential input resistance 25 °C 1012 1012 Ω ri(c) Common-mode input resistance 25 °C 1012 1012 Ω ci(c) Common-mode input capacitance f = 10 kHz, N package 25 °C 8 8 pF zo Closed-loop output impedance f = 25 kHz, AV = 10 25 °C 220 220 Ω CMRR Common-mode VIC = 0 to 1.7 V, VO = 1.5 V, 25 °C 65 75 65 77 dB CMRR Common-mode rejection ratio VIC = 0 to 1.7 V, RS = 50 Ω VO = 1.5 V, Full range 60 60 dB † Full range is − 40°C to 125°C. ‡ Referenced to 1.5 V NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
同様の部品番号 - TLV2254AMWB |
|
同様の説明 - TLV2254AMWB |