データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC244N データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74AC244N
部品情報  Octal Buffer/Line Driver with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC244N データシート(HTML) 1 Page - ON Semiconductor

  MC74AC244N Datasheet HTML 1Page - ON Semiconductor MC74AC244N Datasheet HTML 2Page - ON Semiconductor MC74AC244N Datasheet HTML 3Page - ON Semiconductor MC74AC244N Datasheet HTML 4Page - ON Semiconductor MC74AC244N Datasheet HTML 5Page - ON Semiconductor MC74AC244N Datasheet HTML 6Page - ON Semiconductor MC74AC244N Datasheet HTML 7Page - ON Semiconductor MC74AC244N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
May, 2001 – Rev. 5
1
Publication Order Number:
MC74AC244/D
MC74AC244, MC74ACT244
Octal Buffer/Line Driver
with 3-State Outputs
The MC74AC244/74ACT244 is an octal buffer and line driver
designed to be employed as a memory address driver, clock driver
and bus oriented transmitter/receiver which provides improved PC
board density.
3–State Outputs Drive Bus Lines or Buffer Memory Address
Registers
Outputs Source/Sink 24 mA
′ACT244 Has TTL Compatible Inputs
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
OE2
OE1
GND
Figure 1. Pinout: 20–Lead Packages Conductors
(Top View)
TRUTH TABLE
Inputs
Outputs
OE1
D
(Pins 12, 14, 16, 18)
L
L
L
L
H
H
H
X
Z
NOTE:
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
TRUTH TABLE
Inputs
Outputs
OE2
D
(Pins 3, 5, 7, 9)
L
L
L
L
H
H
H
X
Z
NOTE:
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
http://onsemi.com
1
20
PDIP–20
N SUFFIX
CASE 738
1
20
1
20
1
20
SO–20
DW SUFFIX
CASE 751
TSSOP–20
DT SUFFIX
CASE 948E
EIAJ–20
M SUFFIX
CASE 967
Device
Package
Shipping
ORDERING INFORMATION
MC74AC244N
PDIP–20
18 Units/Rail
MC74ACT244N
PDIP–20
18 Units/Rail
MC74AC244DW
SOIC–20
38 Units/Rail
MC74AC244DWR2
SOIC–20
1000 Tape & Reel
MC74ACT244DW
SOIC–20
38 Units/Rail
MC74ACT244DWR2
SOIC–20
1000 Tape & Reel
MC74AC244DT
TSSOP–20
75 Units/Rail
MC74AC244DTR2
TSSOP–20
2500 Tape & Reel
MC74ACT244DT
TSSOP–20
75 Units/Rail
MC74ACT244DTR2
TSSOP–20
2500 Tape & Reel
MC74AC244M
EIAJ–20
40 Units/Rail
MC74AC244MEL
EIAJ–20
2000 Tape & Reel
MC74ACT244M
EIAJ–20
40 Units/Rail
MC74ACT244MEL
EIAJ–20
2000 Tape & Reel
See general marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION


同様の部品番号 - MC74AC244N

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC244N MOTOROLA-MC74AC244N Datasheet
164Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244N ONSEMI-MC74AC244N Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
MC74AC244NG ONSEMI-MC74AC244NG Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
More results

同様の説明 - MC74AC244N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com