データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74GTL2007PWE4 データシート(PDF) 7 Page - Texas Instruments

部品番号 SN74GTL2007PWE4
部品情報  12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL2007PWE4 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74GTL2007PWE4 Datasheet HTML 2Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 3Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 4Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 5Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 6Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 7Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 8Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 9Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN74GTL2007
12BIT GTL/GTL/GTL+ TO LVTTL TRANSLATOR
SCLS609 − MARCH 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
PROCHOT L
THRMTRIP L
CPU1
1ERR_L
CPU1 1ERR_L
CPU1 THRMTRIP L
CPU1 PROCHOT L
FORCEPR_L
CPU2 SMI L
GTL2007
56
W
56
W
1.5 k
W
R
2R
VTT
VTT
VCC
10BO2
10BO1
4BI
3BI
6BI
5BI
11B0
EN2
7BO2
7BO1
2BI
1BI
VCC
VREF
1AO
2AO
5A
6A
11BI
11 A
3AO
4AO
10AI1
10AI2
EN1
GND
9BI
9AO
CPU2 PROCHOT L
NMI_L
CPU2 1ERR_L
CPU2 THRMTRIP L
CPU2 SMI L
SMI_BUFF_L
VCC
Southbridge NMI
Southbridge SMI_L
FORCEPR_L
THRMTRIP L
1ERR_L
Platform
CPU1 SMI L
CPU2
Optional Signal Line
Health
Management
CPU1 SMI L
PROCHOT L
NMI
NMI
1.5 k
W to 1.2 kW
PWR GD
Power Supervisor
Frequently Asked Questions
Question 1: On the GTL2007 LVTTL input, specifically 10AI1 and 10AI2, when the GTL2007 is powered down,
these inputs may be pulled up to 3.3 V, and we want to ensure that there is no leakage path to the power rail
under this condition. Are the LVTTL inputs high impedance when the device is powered down, and will there
be any leakage?
Answer 1: When the device is powered down, the LVTTL inputs are in a high-impedance state and do not leak
to VDD if they are pulled high while the device is powered down.
Question 2: Do all the LVTTL inputs have the same powered-down characteristic?
Answer 2: Yes
Question 3: What is the condition of the other GTL I/O and LVTTL output pins when the device is powered
down?
Answer 3: The open-drain outputs, both GTL and LVTTL, do not leak to the power supply if they are pulled high
while the device is powered down. The GTL inputs also do not leak to the power supply under the same
conditions. The LVTTL totem-pole outputs, however, are not open-drain type outputs, and there is no current
flow on these pins if they are pulled high when VDD is at ground.


同様の部品番号 - SN74GTL2007PWE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
More results

同様の説明 - SN74GTL2007PWE4

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
   Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com