データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6598 データシート(PDF) 11 Page - STMicroelectronics

部品番号 L6598
部品情報  HIGH VOLTAGE RESONANT CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 データシート(HTML) 11 Page - STMicroelectronics

Back Button L6598_04 Datasheet HTML 7Page - STMicroelectronics L6598_04 Datasheet HTML 8Page - STMicroelectronics L6598_04 Datasheet HTML 9Page - STMicroelectronics L6598_04 Datasheet HTML 10Page - STMicroelectronics L6598_04 Datasheet HTML 11Page - STMicroelectronics L6598_04 Datasheet HTML 12Page - STMicroelectronics L6598_04 Datasheet HTML 13Page - STMicroelectronics L6598_04 Datasheet HTML 14Page - STMicroelectronics L6598_04 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
L6598
3.4 OP AMP Section
The integrated OP AMP is designed to offer Low Output Impedance, wide band, High input Impedance and wide
Common Mode Range. It can be readily used to implement protection features or a closed loop control. For this
purpose the OP AMP Output can be properly connected to Rfmin pin to adjust the oscillation frequency.
3.5 Comparators
Two CMOS comparators are available to perform protection schemes. Short pulses (>= 200ns) on Comparators
Input are recognised. The EN1 input (active High), has a threshold of 0.6V (typical value) forces the device in a
latched shut down state (e.g. LVG Low, HVG low, Oscillator stopped), as in the Under Voltage Conditions. Nor-
mal Operating conditions are resumed after a power-off power-on sequence. The EN2 input (active high), with
a threshold of 1.2V (typical value) restarts a Soft Start sequence (see Timing Diagrams). In addition the EN2
Comparator, when activated, removes a latched shutdown caused by EN1.
Figure 15. Switching Time Waveform Definitions
Figure 16. Dead Time and Duty Cycle Waveform Definition
90%
90%
10%
10%
tf
tr
LVG
90%
90%
10%
10%
tf
tr
HVG
D98IN898
LVG
HVG
t d
50%
50%
t d
50%
50%
T1
50%
Tperiod
Dc =
Tperiod
T1
D98IN899


同様の部品番号 - L6598_04

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6598D016TR STMICROELECTRONICS-L6598D016TR Datasheet
367Kb / 24P
   High voltage resonant controller
More results

同様の説明 - L6598_04

メーカー部品番号データシート部品情報
logo
STMicroelectronics
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
   High voltage resonant controller
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
   High-voltage resonant controller
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
   HIGH VOLTAGE RESONANT CONTROLLER
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
   High-voltage resonant controller
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
   High-voltage resonant controller
L6699DTR STMICROELECTRONICS-L6699DTR Datasheet
960Kb / 38P
   Enhanced high voltage resonant controller
L6599AN STMICROELECTRONICS-L6599AN Datasheet
1Mb / 35P
   Improved high-voltage resonant controller
January 2013 Rev 7
L6599AT STMICROELECTRONICS-L6599AT Datasheet
977Kb / 32P
   Improved high voltage resonant controller
July 2015 Rev 7
L6599ATD STMICROELECTRONICS-L6599ATD Datasheet
864Kb / 31P
   Improved high-voltage resonant controller
October 2009 Rev 3
L6699 STMICROELECTRONICS-L6699 Datasheet
960Kb / 38P
   Enhanced high voltage resonant controller
January 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com