データシートサーチシステム |
|
HCPL-7560 データシート(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
HCPL-7560 データシート(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 18 page 6 Insulation and Safety Related Specifications Absolute Maximum Ratings Recommended Operating Conditions Option 300 - surface mount classification is Class A in accordance with CECC 00802. 0 0 TA - CASE TEMPERATURE - oC 200 50 400 125 25 75 100 150 600 800 200 100 300 500 700 175 P S (mW) IS (mA) Parameter Symbol HCPL-7560 Units Conditions Minimum External Air Gap (Clearance) L(101) 7.4 mm Measured from input terminals to output terminals, shortest distance through air. Minimum External Tracking (Creepage) L(102) 8.0 mm Measured from input terminals to output terminals, shortest distance path along body. Minimum Internal Plastic Gap (Internal Clearance) 0.5 mm Through insulation distance conductor to conductor, usually the straight line distance thickness between the emitter and detector. Tracking Resistance (Comparative Tracking Index) CTI >175 V DIN IEC 112/VDE 0303 Part 1 Isolation Group IIIa Material Group (DIN VDE 0110, 1/89, Table 1) Parameter Symbol Min. Max. Units Note Storage Temperature TS -55 125 °C Ambient Operating Temperature TA -40 85 °C Supply Voltages VDD1, VDD2 05.5 V Steady-State Input Voltage VIN+ ,VIN- -2.0 VDD1 + 0.5 V 1 Two Second Transient Input Voltage -6.0 Output Voltages MCLK, MDAT -0.5 VDD2 + 0.5 V Lead Solder Temperature 260°C for 10 sec., 1.6 mm below seating plane 2 Solder Reflow Temperature Profile See Maximum Solder Reflow Thermal Profile section Parameter Symbol Min. Max. Units Note Ambient Operating Temperature TA -40 +85 °C Supply Voltages VDD1, VDD2 4.5 5.5 V Input Voltage VIN+, VIN- -200 +200 mV 1 |
同様の部品番号 - HCPL-7560 |
|
同様の説明 - HCPL-7560 |