データシートサーチシステム |
|
M27C2001-10F1TR データシート(PDF) 5 Page - STMicroelectronics |
|
M27C2001-10F1TR データシート(HTML) 5 Page - STMicroelectronics |
5 / 25 page Summary description M27C2001 5/25 1 Summary description The M27C2001 is a high speed 2 Mbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large programs and is organized as 262,144 by 8 bits. The FDIP32W (window ceramic frit-seal package) has a transparent lids which allow the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure. For applications where the content is programmed only one time and erasure is not required, the M27C2001 is offered in PDIP32, PLCC32 and TSOP32 (8 x 20 mm) packages. In order to meet environmental requirements, ST offers the M27C2001 in ECOPACK® packages. ECOPACK packages are Lead-free. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Figure 1. Logic Diagram Table 1. Signal Names A0-A17 Address Inputs Q0-Q7 Data Outputs E Chip Enable G Output Enable P Program VPP Program Supply VCC Supply Voltage VSS Ground AI00716B 18 A0-A17 P Q0-Q7 VPP VCC M27C2001 G E VSS 8 |
同様の部品番号 - M27C2001-10F1TR |
|
同様の説明 - M27C2001-10F1TR |