データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M40Z300MH6TR データシート(PDF) 11 Page - STMicroelectronics

部品番号 M40Z300MH6TR
部品情報  5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300MH6TR データシート(HTML) 11 Page - STMicroelectronics

Back Button M40Z300MH6TR Datasheet HTML 7Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 8Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 9Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 10Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 11Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 12Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 13Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 14Page - STMicroelectronics M40Z300MH6TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
M40Z300, M40Z300W
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 4. DC and AC Measurement Conditions
Note: Output High Z is defined as the point where data is no longer driven.
Figure 10. AC Testing Load Circuit
Note: 50pF for M40Z300W.
Table 5. Capacitance
Note: 1. Sampled only, not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs deselected.
Parameter
M40Z300
M40Z300W
VCC Supply Voltage
4.5 to 5.5V
2.7 to 3.6V
Ambient Operating Temperature
Grade 1
0 to 70°C
0 to 70°C
Grade 6
–40 to 85°C
–40 to 85°C
Load Capacitance (CL)
100pF
50pF
Input Rise and Fall Times
≤ 5ns
≤ 5ns
Input Pulse Voltages
0 to 3V
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
1.5V
AI02393
CL = 100pF
or 50pF
CL includes JIG capacitance
333
DEVICE
UNDER
TEST
1.73V
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance
8
pF
COUT
(3)
Input/Output Capacitance
10
pF


同様の部品番号 - M40Z300MH6TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M40Z300MH6E STMICROELECTRONICS-M40Z300MH6E Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300MH6E STMICROELECTRONICS-M40Z300MH6E Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40Z300MH6F STMICROELECTRONICS-M40Z300MH6F Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300MH6F STMICROELECTRONICS-M40Z300MH6F Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
More results

同様の説明 - M40Z300MH6TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com