データシートサーチシステム |
|
TLC2252AMU データシート(PDF) 7 Page - Texas Instruments |
|
TLC2252AMU データシート(HTML) 7 Page - Texas Instruments |
7 / 71 page TLC225x, TLC225xA Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST CONDITIONS T † TLC2252C UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VO 1 5Vto3 5V RL 100 kΩ‡ 25 °C 0.07 0.12 SR Slew rate at unity gain VO = 1.5 V to 3.5 V, RL = 100 kΩ‡, CL = 100 pF‡ Full 005 V/ µs CL = 100 F‡ range 0.05 V Equivalent input noise voltage f = 10 Hz 25 °C 36 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz 25 °C 19 nV/ √Hz VN(PP) Peak to peak equivalent input noise voltage f = 0.1 Hz to 1 Hz 25 °C 0.7 µV VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 Hz to 10 Hz 25 °C 1.1 µV In Equivalent input noise current 25 °C 0.6 fA √Hz THD+N Total harmonic distortion plus noise VO = 0.5 V to 2.5 V, f 10 kHz AV = 1 25 °C 0.2% THD + N Total harmonic distortion plus noise f = 10 kHz, RL = 50 kΩ‡ AV = 10 25 °C 1% Gain-bandwidth product f = 10 kHz, CL = 100 pF‡ RL = 50 kΩ‡, 25 °C 0.2 MHz BOM Maximum output-swing bandwidth VO(PP) = 2 V, RL = 50 kΩ‡, AV = 1, CL = 100 pF‡ 25 °C 30 kHz φm Phase margin at unity gain RL =50kΩ‡ CL = 100 pF‡ 25 °C 63 ° Gain margin RL = 50 kΩ‡, CL = 100 pF‡ 25 °C 15 dB † Full range is 0 °C to 70°C. ‡ Referenced to 2.5 V |
同様の部品番号 - TLC2252AMU |
|
同様の説明 - TLC2252AMU |