データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1117ILDX-ADJ データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1117ILDX-ADJ
部品情報  800mA Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1117ILDX-ADJ データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1117ILDX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM1117ILDX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM1117ILDX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM1117ILDX-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM1117ILDX-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM1117ILDX-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LM1117ILDX-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LM1117ILDX-ADJ Datasheet HTML 14Page - National Semiconductor (TI) LM1117ILDX-ADJ Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Application Note (Continued)
The LM1117 regulators have internal thermal shutdown to
protect the device from over-heating. Under all possible
operating conditions, the junction temperature of the LM1117
must be within the range of 0˚C to 125˚C. A heatsink may be
required depending on the maximum power dissipation and
maximum ambient temperature of the application. To deter-
mine if a heatsink is needed, the power dissipated by the
regulator, P
D , must be calculated:
I
IN =IL +IG
P
D =(VIN-VOUT)I L +VINIG
Figure 6 shows the voltages and currents which are present
in the circuit.
The next parameter which must be calculated is the maxi-
mum allowable temperature rise, T
R(max):
T
R(max) = TJ(max)-TA(max)
where T
J(max) is the maximum allowable junction tempera-
ture (125˚C), and T
A(max) is the maximum ambient tem-
perature which will be encountered in the application.
Using the calculated values for T
R(max) and PD, the maxi-
mum allowable value for the junction-to-ambient thermal
resistance (
θ
JA) can be calculated:
θ
JA =TR(max)/PD
If the maximum allowable value for
θ
JA
is found to be
≥136˚C/W for SOT-223 package or ≥79˚C/W for TO-220
package or
≥92˚C/W for TO-252 package, no heatsink is
needed since the package alone will dissipate enough heat
to satisfy these requirements. If the calculated value for
θ
JA
falls below these limits, a heatsink is required.
As a design aid, Table 1 shows the value of the
θ
JA of
SOT-223 and TO-252 for different heatsink area. The copper
patterns that we used to measure these
θ
JAs are shown at
the end of the Application Notes Section. Figure 7 and Figure
8 reflects the same test results as what are in the Table 1
Figure 9 and Figure 10 shows the maximum allowable power
dissipation vs. ambient temperature for the SOT-223 and
TO-252 device. Figures Figure 11 and Figure 12 shows the
maximum allowable power dissipation vs. copper area (in
2)
for the SOT-223 and TO-252 devices. Please see AN1028
for power enhancement techniques to be used with SOT-223
and TO-252 packages.
*Application Note AN-1187 discusses improved thermal per-
formance and power dissipation for the LLP.
TABLE 1.
θ
JA Different Heatsink Area
Layout
Copper Area
Thermal Resistance
Top Side (in
2)*
Bottom Side (in
2)(
θ
JA,˚C/W) SOT-223
(
θ
JA,˚C/W) TO-252
1
0.0123
0
136
103
2
0.066
0
123
87
3
0.3
0
84
60
4
0.53
0
75
54
5
0.76
0
69
52
61
0
66
47
7
0
0.2
115
84
8
0
0.4
98
70
9
0
0.6
89
63
10
0
0.8
82
57
11
0
1
79
57
12
0.066
0.066
125
89
13
0.175
0.175
93
72
10091937
FIGURE 5. Cross-sectional view of Integrated Circuit
Mounted on a printed circuit board. Note that the case
temperature is measured at the point where the leads
contact with the mounting pad surface
10091916
FIGURE 6. Power Dissipation Diagram
www.national.com
11


同様の部品番号 - LM1117ILDX-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1117ILDX-ADJ NSC-LM1117ILDX-ADJ Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117ILDX-ADJ TI1-LM1117ILDX-ADJ Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
More results

同様の説明 - LM1117ILDX-ADJ

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com