データシートサーチシステム |
|
STP62NS04Z データシート(PDF) 4 Page - STMicroelectronics |
|
STP62NS04Z データシート(HTML) 4 Page - STMicroelectronics |
4 / 12 page Electrical characteristics STP62NS04Z 4/12 2 Electrical characteristics (TCASE=25°C unless otherwise specified) Table 3. On/off states Symbol Parameter Test conditions Min. Typ. Max. Unit V(BR)DSS Drain-source breakdown voltage ID = 1mA, VGS= 0 33 V IDSS Zero gate voltage drain current (VGS = 0) VDS = 16V 10 µA IGSS Gate body leakage current (VDS = 0) VGS = ±10V 10 µA VGSS Gate-Source Breakdown Voltage IGS = 100 µA 18 V VGS(th) Gate threshold voltage VDS = VGS, ID = 250µA 24 V RDS(on) Static drain-source on resistance VGS = 10V, ID = 30A 12.5 15 m Ω Table 4. Dynamic Symbol Parameter Test conditions Min. Typ. Max. Unit gfs (1) 1. Pulsed: pulse duration=300µs, duty cycle 1.5% Forward transconductance VDS = 15V, ID = 30A 20 S Ciss Coss Crss Input capacitance Output capacitance Reverse transfer capacitance VDS =25V, f = 1 MHz, VGS = 0 1330 420 135 pF pF pF Qg Qgs Qgd Total gate charge Gate-source charge Gate-drain charge VDD = 20V, ID = 40A VGS =10V 34 10 11.5 47 nC nC nC Table 5. Switching times Symbol Parameter Test conditions Min. Typ. Max. Unit td(on) tr td(off) tf Turn-on delay time Rise time Turn-off delay time Fall time VDD= 20V, ID= 20A, RG=4.7Ω, VGS = 10V Figure 13 on page 8 13 104 41 42 ns ns ns ns tr(Voff) tf tc Off-voltage rise time Fall time Cross-over time Vclamp = 30V, ID = 40A RG =4.7Ω, VGS = 10V Figure 13 on page 8 30 54 90 ns ns ns |
同様の部品番号 - STP62NS04Z_06 |
|
同様の説明 - STP62NS04Z_06 |