データシートサーチシステム |
|
AD7641 データシート(PDF) 8 Page - Analog Devices |
|
AD7641 データシート(HTML) 8 Page - Analog Devices |
8 / 32 page AD7952 Rev. 0 | Page 8 of 32 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS AGND AVDD AGND BYTESWAP OB/2C SER/PAR NC = NO CONNECT NC NC D0/DIVSCLK[0] D1/DIVSCLK[1] IMPULSE WARP BIPOLAR CNVST PD RESET CS RD TEN BUSY D13/SCCS D12/SCCLK D11/SCIN D10/HW/SW 48 47 46 45 44 43 42 41 40 39 38 37 35 34 33 30 31 32 36 29 28 27 25 26 2 3 4 7 6 5 1 8 9 10 12 11 13 14 15 16 17 18 19 20 21 22 23 24 PIN 1 AD7952 TOP VIEW (Not to Scale) Figure 4. Pin Configuration Table 6. Pin Function Descriptions Pin No. Mnemonic Type1 Description 1, 3, 42 AGND P Analog Power Ground Pins. Ground reference point for all analog I/O. All analog I/O should be referenced to AGND and should be connected to the analog ground plane of the system. In addition, the AGND, DGND, and OGND voltages should be at the same potential. 2, 44 AVDD P Analog Power Pins. Nominally 4.75 V to 5.25 V and decoupled with 10 μF and 100 nF capacitors. 4 BYTESWAP DI Parallel Mode Selection (8 Bit/14 Bit). When high, the LSB is output on D[15:8] and the MSB is output on D[7:0]; when low, the LSB is output on D[7:0] and the MSB is output on D[15:8]. 5 OB/2C DI2 Straight Binary/Binary Twos Complement Output. When high, the digital output is straight binary. When low, the MSB is inverted resulting in a twos complement output from its internal shift register. 6 WARP DI2 Conversion Mode Selection. Used in conjunction with the IMPULSE input per the following. Conversion Mode WARP IMPULSE Normal Low Low Impulse Low High Warp High Low Normal High High See the Modes of Operation section for a more detailed description. 7 IMPULSE DI2 Conversion Mode Selection. See the WARP pin description in this table. See the Modes of Operation section for a more detailed description. 8 SER/PAR DI Serial/Parallel Selection Input. When SER/PAR = low, the parallel mode is selected. When SER/PAR = high, the serial modes are selected. Some bits of the data bus are used as a serial port, and the remaining data bits are high impedance outputs. 9, 10 NC DO No Connect. Do not connect. 11, 12 D[0:1] or DI/O In parallel mode, these outputs are used as Bit 0 and Bit 1 of the parallel port data output bus. DIVSCLK[0:1] Serial Data Division Clock Selection. In serial master read after convert mode (SER/PAR = high, EXT/INT = low, RDC/SDIN = low), these inputs can be used to slow down the internally generated serial data clock that clocks the data output. In other serial modes, these pins are high impedance outputs. |
同様の部品番号 - AD7641 |
|
同様の説明 - AD7641 |