データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA6J5.06.0CA-TR データシート(PDF) 1 Page - STMicroelectronics

部品番号 SMA6J5.06.0CA-TR
部品情報  High junction temperature Transil TM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6J5.06.0CA-TR データシート(HTML) 1 Page - STMicroelectronics

  SMA6J5.06.0CA-TR Datasheet HTML 1Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 2Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 3Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 4Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 5Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 6Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 7Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 8Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2007
Rev 1
1/10
10
SMA6J
High junction temperature Transil™
Features
Peak pulse power:
– 600 W (10/1000 µs)
– 4 kW (8/20 µs)
Stand off voltage range: from 5 V to 188 V
Unidirectional and bidirectional types
Low clamping voltage versus standard series
Low leakage current:
– 0.2 µA at 25° C
– 1 µA at 85° C
Operating Tj max: 175° C
JEDEC registered package outline
Description
The SMA6J Transil series has been designed to
protect sensitive equipment against electro-static
discharges according to IEC 61000-4-2, MIL STD
883 Method 3015, and electrical over stress such
as IEC 61000-4-4 & 5. They are also in
accordance with ISO TR 7637-2, SAE J 113 and
DIN 40839 for automotive applications and more
generally for surges below 600 W 10/1000 µs
This Planar technology makes it compatible with
high-end equipment like automotive, medical
equipment or SMPS where low leakage current
and high junction temperature are required to
provide reliability and stability over time. Their low
clamping voltages provides a better safety margin
to protect sensitive circuits with extended life time
expectancy.
Packaged in SMA, this minimizes PCB
consumption (SMA footprint in accordance with
IPC 7531 standard).
TM: TRANSIL is a trademark of STMicroelectronics
Order code
Complies with the following standards:
Part number
Marking
SMA6JxxA-TR
See Table 6.
SMA6JxxCA-TR
See Table 6.
IEC 61000-4-2 level 4:
15 kV(air discharge)
8 kV(contact discharge)
MIL STD 893G-Method 3015-7: class3B
25 kV HBM (Human Body Model)
K
A
Unidirectional
Bidirectional
SMA
(JEDEC DO-214AC)
www.st.com


同様の部品番号 - SMA6J5.06.0CA-TR

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SMA6J5.0A MCC-SMA6J5.0A Datasheet
287Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 33 Volts
logo
Vishay Siliconix
SMA6J5.0A VISHAY-SMA6J5.0A Datasheet
101Kb / 5P
   Surface Mount Transient Voltage Suppressors
Revision: 30-Oct-08
logo
SUNMATE electronic Co.,...
SMA6J5.0A SUNMATE-SMA6J5.0A Datasheet
735Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
logo
Shanghai Semitech Semic...
SMA6J5.0A SEMITECH-SMA6J5.0A Datasheet
485Kb / 5P
   Glass passivated junction
logo
SeCoS Halbleitertechnol...
SMA6J5.0A SECOS-SMA6J5.0A Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
More results

同様の説明 - SMA6J5.06.0CA-TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SMA6J_0711 STMICROELECTRONICS-SMA6J_0711 Datasheet
117Kb / 10P
   High junction temperature Transil
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
   High junction temperature Transil?
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
   High junction temperature Transil
SMA4F STMICROELECTRONICS-SMA4F Datasheet
102Kb / 9P
   High junction temperature Transil?
September 2008 Rev 1
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
   High junction temperature Transil
SMA6F13A-TR STMICROELECTRONICS-SMA6F13A-TR Datasheet
101Kb / 9P
   High junction temperature Transil?
1-5KE6V8A STMICROELECTRONICS-1-5KE6V8A Datasheet
150Kb / 6P
   TRANSIL-TM
ESDA6V1B1 STMICROELECTRONICS-ESDA6V1B1 Datasheet
61Kb / 6P
   TRANSIL-TM ARRAY FOR ESD PROTECTION
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
   HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
logo
Silikron Semiconductor ...
SSBD10L100CT SILIKRON-SSBD10L100CT Datasheet
462Kb / 6P
   High Junction Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10