データシートサーチシステム |
|
SMA6J6.5CA-TR データシート(PDF) 5 Page - STMicroelectronics |
|
SMA6J6.5CA-TR データシート(HTML) 5 Page - STMicroelectronics |
5 / 10 page SMA6J Characteristics 5/10 Figure 4. Junction capacitance versus reverse applied voltage (typical values) (SMA6JxxA) Figure 5. Junction capacitance versus reverse applied voltage (typical values) (SMA6JxxCA) 10 100 1000 10000 1 10 100 1000 C(pF) F=1MHz V =30mV T =25°C OSC RMS j V (V) R SMA6J5.0A SMA6J13A SMA6J26A SMA6J58A SMA6J188A 1 10 100 1000 10000 1 10 100 1000 C(pF) F=1MHz V =30mV T =25°C OSC RMS j V (V) R SMA6J5.0CA SMA6J13CA SMA6J26CA SMA6J58CA SMA6J188CA Figure 6. Peak forward voltage drop versus peak forward current (typical values) Figure 7. Relative variation of thermal impedance junction to ambient versus pulse duration (printed ciruit board FR4, SCu = 1 cm 2) Figure 8. Thermal resistance junction to ambient versus copper surface under each lead (printed circuit board FR4, eCu = 35 µm) Figure 9. Leakage current versus junction temperature (typical values) 1.E-02 1.E-01 1.E+00 1.E+01 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 I (A) FM V (V) FM T =25°C j T =125°C j 0.01 0.10 1.00 1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 1.E+03 Zth(j-a)/Rth(j-a) t (S) p 40 50 60 70 80 90 100 110 120 130 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 Rth(j-a)(°C/W) S (cm ) CU 2 1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 25 50 75 100 125 150 175 I (nA) R T (°C) j V= R VRM V 11.7V BR ≤ V 11.7V BR > |
同様の部品番号 - SMA6J6.5CA-TR |
|
同様の説明 - SMA6J6.5CA-TR |