データシートサーチシステム |
|
SMA6J33CA-TR データシート(PDF) 2 Page - STMicroelectronics |
|
SMA6J33CA-TR データシート(HTML) 2 Page - STMicroelectronics |
2 / 10 page Characteristics SMA6J 2/10 1 Characteristics Table 1. Absolute ratings (Tamb = 25° C) Symbol Parameter Value Unit PPP Peak pulse power dissipation (1) Tj initial = Tamb 600 W P Power dissipation on infinite heatsink Tamb = 55° C 4 W IFSM Non repetitive surge peak forward current for unidirectional types tp = 10 ms Tj initial = Tamb 60 A Tstg Storage temperature range -65 to +175 ° C Tj Operating junction temperature range -55 to +175 ° C TL Maximum lead temperature for soldering during 10 s 260 ° C 1. For a surge greater than the maximum values, the diode will fail in short-circuit. Table 2. Thermal resistances Symbol Parameter Value Unit Rth (j-l) Junction to leads 30 ° C/W Rth (j-a) Junction to ambient on printed circuit on recommended pad layout 120 ° C/W Table 3. Electrical characteristics - definitions (Tamb = 25° C) Symbol Parameter VRM Stand-off voltage VBR Breakdown voltage VCL Clamping voltage IRM Leakage current @ VRM IPP Peak pulse current αT Voltage temperature coefficient VF Forward voltage drop RD Dynamic resistance V CLVBR VRM I RM I R I PP V I I RM I R I PP V RMVBR VCL V CLVBR VRM I RM I R I PP V I I RM I R I PP V RMVBR VCL V CLVBR VRM I RM I R I PP V I I F V F V CLVBR VRM I RM I R I PP V I I F V F Unidirectional Bidirectional |
同様の部品番号 - SMA6J33CA-TR |
|
同様の説明 - SMA6J33CA-TR |