データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDC318 データシート(PDF) 10 Page - Texas Instruments

部品番号 CDC318
部品情報  1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDC318 データシート(HTML) 10 Page - Texas Instruments

Back Button CDC318 Datasheet HTML 5Page - Texas Instruments CDC318 Datasheet HTML 6Page - Texas Instruments CDC318 Datasheet HTML 7Page - Texas Instruments CDC318 Datasheet HTML 8Page - Texas Instruments CDC318 Datasheet HTML 9Page - Texas Instruments CDC318 Datasheet HTML 10Page - Texas Instruments CDC318 Datasheet HTML 11Page - Texas Instruments CDC318 Datasheet HTML 12Page - Texas Instruments CDC318 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CDC318
1-LINE TO 18-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS587B – JANUARY 1997 – REVISED MARCH 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
DUT
RL = 1 kΩ
VO = 3.3 V
CL = 10 pF or
CL = 400 pF
GND
tsu(START)
t(BUS)
tr(SDATA)
th(START)
tsu(SDATA)
th(SDATA)
tf
tr
tw(SCLL)
tw(SCLH)
tsu(START)
tPHL
tPLH
0.7 VCC
0.3 VCC
0.7 VCC
0.3 VCC
Stop Condition
tsu(STOP)
Repeat Start
Condition
(see Note A)
Start or
Repeat Start
Condition
SCLOCK
SDATA
Start
Condition
(S)
Bit 7
MSB
Bit 6
Bit 0
LSB
(R/W)
Acknowledge
(A)
Stop
Condition
(P)
4 to 6 Bytes for Complete Device
Programming
TEST CIRCUIT
VOLTAGE WAVEFORMS
tf(SDATA)
BYTE
DESCRIPTION
1
I2C address
2
Command (dummy value, ignored)
3
Byte count (dummy value, ignored)
4
I2C data byte 0
5
I2C data byte 1
6
I2C data byte 2
NOTES: A. The repeat start condition is not supported.
B. All input pulses are supplied by generators having hte following characteristics: PRR
≤ 100 kHz, ZO = 50 Ω, tr ≥ 10 ns, tf ≥ 10 ns.
Figure 3. Propagation Delay Times, tr and tf


同様の部品番号 - CDC318

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC318A TI-CDC318A Datasheet
182Kb / 12P
[Old version datasheet]   1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC318A TI1-CDC318A Datasheet
500Kb / 14P
[Old version datasheet]   1Line to 10Line Clock Driver
CDC318ADL TI-CDC318ADL Datasheet
182Kb / 12P
[Old version datasheet]   1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC318ADL TI1-CDC318ADL Datasheet
500Kb / 14P
[Old version datasheet]   1Line to 10Line Clock Driver
CDC318ADLG4 TI1-CDC318ADLG4 Datasheet
500Kb / 14P
[Old version datasheet]   1Line to 10Line Clock Driver
More results

同様の説明 - CDC318

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC318A TI-CDC318A Datasheet
182Kb / 12P
[Old version datasheet]   1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC319 TI-CDC319 Datasheet
168Kb / 11P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC329A TI-CDC329A Datasheet
105Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328 TI1-CDC328 Datasheet
114Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329 TI-CDC329 Datasheet
89Kb / 6P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328A TI-CDC328A Datasheet
101Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com