データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA032D02 データシート(PDF) 10 Page - Texas Instruments

部品番号 TPA032D02
部品情報  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 データシート(HTML) 10 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 6Page - Texas Instruments TPA032D02 Datasheet HTML 7Page - Texas Instruments TPA032D02 Datasheet HTML 8Page - Texas Instruments TPA032D02 Datasheet HTML 9Page - Texas Instruments TPA032D02 Datasheet HTML 10Page - Texas Instruments TPA032D02 Datasheet HTML 11Page - Texas Instruments TPA032D02 Datasheet HTML 12Page - Texas Instruments TPA032D02 Datasheet HTML 13Page - Texas Instruments TPA032D02 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TPA032D02
10W STEREO CLASSD AUDIO POWER AMPLIFIER
SLOS243B − DECEMBER 1999 − REVISED JUNE 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
LINP
LINN
LCOMP
VDD
COSC
RCOMP
RINP
RINN
RPVDD
AGND
LPVDD
PVDD
SHUTDOWN
VCCREG
V2P5
PGND
15
µH
15
µH
0.22
µF
0.22
µF
1
µF
4
12 V
12 V
1
µF
1
µF
Left Class-D Balanced
Differential Input
Signal
1000 pF
1000 pF
1000 pF
1
µF
1
µF
CP1
CP2
VCP
FAULT0
FAULT1
MUTE
1
µF
LOUTP
LOUTN
15
µH
15
µH
0.22
µF
0.22
µF
1
µF
4
ROUTP
ROUTN
47 nF
0.1
µF
42
1
2
9,16
5
4
6
43
48
44
45
33,40
3, 7,20,46,47
12,13,27,36,37
21, 28
41
14,15
10,11
29
8
17
24
25
22
34,35
38,39
12 V
VCC
32
0.1
µF
500 k
100 k
VDD
To
VCCREG
0.1
µF
To System
Control
1
µF
1
µF
10
µF
Right Class-D Balanced
Differential Input
Signal
12 V
1
µF
1
µF
10
µF
1
µF
100 k
100 k
To System
Control
1
µF
VCC
NOTE A:
= power ground and
= analog ground
VCCREG
Figure 3. TPA032D02 Typical Configuration Application Circuit


同様の部品番号 - TPA032D02

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02DCA TI-TPA032D02DCA Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA032D02

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com