データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA152 データシート(PDF) 4 Page - Texas Instruments

部品番号 TPA152
部品情報  75-mW STEREO AUDIO POWER AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA152 データシート(HTML) 4 Page - Texas Instruments

  TPA152_06 Datasheet HTML 1Page - Texas Instruments TPA152_06 Datasheet HTML 2Page - Texas Instruments TPA152_06 Datasheet HTML 3Page - Texas Instruments TPA152_06 Datasheet HTML 4Page - Texas Instruments TPA152_06 Datasheet HTML 5Page - Texas Instruments TPA152_06 Datasheet HTML 6Page - Texas Instruments TPA152_06 Datasheet HTML 7Page - Texas Instruments TPA152_06 Datasheet HTML 8Page - Texas Instruments TPA152_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TPA152
75-mW STEREO AUDIO POWER AMPLIFIER
SLOS210A – JUNE 1998 – REVISED MARCH 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ac operating characteristics VDD = 5 V, TA = 25°C, RL = 10 kΩ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD+N
Total harmonic distortion plus noise
VI = 1 V(rms),
20 Hz–20 kHz, Gain = 1,
See Figure 6
0.005%
THD+N
Total harmonic distortion plus noise
VO(PP) = 4 V,
20 Hz–20 kHz, Gain = 1,
See Figure 8
0.005%
BOM
Maximum output power bandwidth
G = 5,
THD <0.02%, See Figure 6
>20
kHz
Phase margin
Open loop,
See Figure 16
80
°
kSVR
Supply voltage rejection ratio
1 kHz,
CB = 1 µF,
See Figure 12
65
dB
Mute attenuation
See Figure 15
110
dB
Ch/Ch output separation
See Figure 13
102
dB
Signal-to-Noise ratio
VO = 1 V(rms),
Gain = 1,
See Figure 11
104
dB
Vn
Noise output voltage
See Figure 10
6
µV(rms)
† Measured at 1 kHz.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
THD+N
Total harmonic distortion plus noise
vs Output power
1, 4
THD+N
Total harmonic distortion plus noise
vs Frequency
2, 3, 6, 8, 9
THD+N
Total harmonic distortion plus noise
vs Output voltage
5, 7
Vn
Output noise voltage
vs Frequency
10
SNR
Signal-to-noise ratio
vs Gain
11
Supply ripple rejection ratio
vs Frequency
12
Crosstalk
vs Frequency
13, 14
Mute Attenuation
vs Frequency
15
Open-loop gain and phase
vs Frequency
16, 17
Closed-loop gain and phase
vs Frequency
18
IDD
Supply current
vs Supply voltage
19
PO
Output power
vs Load resistance
20
PD
Power dissipation
vs Output power
21


同様の部品番号 - TPA152_06

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TPA1524D TOPPOWER-TPA1524D Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1524D TOPPOWER-TPA1524D Datasheet
643Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1524D TOPPOWER-TPA1524D Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1524D-W25 TOPPOWER-TPA1524D-W25 Datasheet
715Kb / 3P
   0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
logo
Texas Instruments
TPA152D TI-TPA152D Datasheet
270Kb / 16P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA152_06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA152 TI-TPA152_15 Datasheet
803Kb / 19P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152 Datasheet
270Kb / 16P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302_07 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302 Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com