データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA032D04DCA データシート(PDF) 8 Page - Texas Instruments

部品番号 TPA032D04DCA
部品情報  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA032D04DCA データシート(HTML) 8 Page - Texas Instruments

Back Button TPA032D04DCA Datasheet HTML 4Page - Texas Instruments TPA032D04DCA Datasheet HTML 5Page - Texas Instruments TPA032D04DCA Datasheet HTML 6Page - Texas Instruments TPA032D04DCA Datasheet HTML 7Page - Texas Instruments TPA032D04DCA Datasheet HTML 8Page - Texas Instruments TPA032D04DCA Datasheet HTML 9Page - Texas Instruments TPA032D04DCA Datasheet HTML 10Page - Texas Instruments TPA032D04DCA Datasheet HTML 11Page - Texas Instruments TPA032D04DCA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPA032D04
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS203B − DECEMBER 1999 − REVISED JUNE 2000
8
TI.COM
PARAMETER MEASUREMENT INFORMATION
LINP
LINN
LCOMP
VDD
COSC
RCOMP
RINP
RINN
RPVDD
AGND
LPVDD
PVDD
SHUTDOWN
HPREG
V2P5
HPLIN
HPLOUT
HPVCC
HPROUT
HPRIN
PGND
15 µH
15 µH
0.22 µF
0.22 µF
1 µF
4 Ω
12 V
1 µF
1 µF
Balanced
Differential
Input Signal
1000 pF
1000 pF
1000 pF
1 µF
1 µF
Balanced
Differential
Input Signal
12 V
HPDR
HPDL
CP1
CP2
VCP
FAULT0
FAULT1
MODE
MUTE
HPREG
1 µF
LOUTP
LOUTN
15 µH
15 µH
0.22 µF
0.22 µF
1 µF
4 Ω
ROUTP
ROUTN
47 nF
0.1 µF
42
1
2
3
9,16
5
4
6
43
48
44
45
33,40
7,20,46,47
12,13,27,36,37
21, 28
19
30
32
41
14,15
10,11
29
8
18
31
17
26
23
24
25
22
34,35
38,39
12 V
HPREG
12 V
500 kΩ
100 kΩ
To
HPREG
To HPVCC
0.1 µF
Figure 1. 12-V, 4-Ω Test Circuit


同様の部品番号 - TPA032D04DCA

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA032D04DCA TI-TPA032D04DCA Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04DCA TI1-TPA032D04DCA Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04DCAG4 TI1-TPA032D04DCAG4 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04DCARG4 TI1-TPA032D04DCARG4 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA032D04DCA

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com