データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD54HC10F3A データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD54HC10F3A
部品情報  High-Speed CMOS Logic Triple 3-Input NAND Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD54HC10F3A データシート(HTML) 7 Page - Texas Instruments

Back Button CD54HC10F3A Datasheet HTML 3Page - Texas Instruments CD54HC10F3A Datasheet HTML 4Page - Texas Instruments CD54HC10F3A Datasheet HTML 5Page - Texas Instruments CD54HC10F3A Datasheet HTML 6Page - Texas Instruments CD54HC10F3A Datasheet HTML 7Page - Texas Instruments CD54HC10F3A Datasheet HTML 8Page - Texas Instruments CD54HC10F3A Datasheet HTML 9Page - Texas Instruments CD54HC10F3A Datasheet HTML 10Page - Texas Instruments CD54HC10F3A Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 2


同様の部品番号 - CD54HC10F3A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC10F3A TI-CD54HC10F3A Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC10F3A TI-CD54HC10F3A Datasheet
32Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC10F3A TI1-CD54HC10F3A Datasheet
614Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
More results

同様の説明 - CD54HC10F3A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC10 TI-CD54HC10 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC10 TI1-CD54HC10_14 Datasheet
614Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC10 TI-CD54HC10_03 Datasheet
32Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD74HC10 TI-CD74HC10 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74AC10 KODENSHI-KK74AC10 Datasheet
224Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT10 KODENSHI-KK74ACT10 Datasheet
210Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD5474HC11 TI-CD5474HC11 Datasheet
33Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input AND Gate
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI-CD54HC27_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD74HC4075NSR TI-CD74HC4075NSR Datasheet
349Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com