データシートサーチシステム |
|
SN74AC86PWE4 データシート(PDF) 2 Page - Texas Instruments |
|
|
SN74AC86PWE4 データシート(HTML) 2 Page - Texas Instruments |
2 / 16 page SN54AC86, SN74AC86 QUADRUPLE 2INPUT EXCLUSIVEOR GATES SCAS533C − AUGUST 1995 − REVISED OCTOBER 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 FUNCTION TABLE (each gate) INPUTS OUTPUT A B OUTPUT Y L L L L HH H LH H H L exclusive-OR logic An exclusive-OR gate has many applications, some of which can be represented better by alternative logic symbols. = 1 EXCLUSIVE OR These five equivalent exclusive-OR symbols are valid for an ’AC86 gate in positive logic; negation may be shown at any two ports. = 2k 2k + 1 LOGIC-IDENTITY ELEMENT EVEN-PARITY ELEMENT ODD-PARITY ELEMENT The output is active (low) if all inputs stand at the same logic level (i.e., A = B). The output is active (low) if an even number of inputs (i.e., 0 or 2) are active. The output is active (high) if an odd number of inputs (i.e., only 1 of the 2) are active. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Note 1) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 or VI > VCC) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DB package 96 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 113 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. |
同様の部品番号 - SN74AC86PWE4 |
|
同様の説明 - SN74AC86PWE4 |