データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0233DGQG4 データシート(PDF) 9 Page - Texas Instruments

部品番号 TPA0233DGQG4
部品情報  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA0233DGQG4 データシート(HTML) 9 Page - Texas Instruments

Back Button TPA0233DGQG4 Datasheet HTML 5Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 6Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 7Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 8Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 9Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 10Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 11Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 12Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TPA0233
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS278D – JANUARY 2000 – REVISED NOVEMBER 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.01
10
0.1
1
0.1
0.01
Figure 14
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO – Output Power – W
VDD = 3 V
RL = 32 Ω
Mode = Stereo
AV = 1.25 dB
20 Hz
1 kHz
15 kHz
20 kHz
0.01
1
10
10
1
0.1
0.01
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO – Output Power – W
20 Hz
1 kHz
15 kHz
VDD = 5 V
RL = 4 Ω
Mode = Mono
AV = 2.5 dB
20 kHz
Figure 15
0.1
0.01
1
10
10
1
0.1
0.01
0.1
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO – Output Power – W
20 Hz
1 kHz
15 kHz
VDD = 5 V
RL = 8 Ω
Mode = Mono
AV = 2.5 dB
20 kHz
Figure 16
0.01
10
1
1
0.1
0.01
0.1
Figure 17
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO – Output Power – W
VDD = 5 V
RL = 32 Ω
Mode = Stereo
AV = 1.25 dB
20 Hz
1 kHz
15 kHz
20 kHz


同様の部品番号 - TPA0233DGQG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0233DGQ TI-TPA0233DGQ Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

同様の説明 - TPA0233DGQG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213_07 Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com