データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA311DG4 データシート(PDF) 4 Page - Texas Instruments

部品番号 TPA311DG4
部品情報  350-mW MONO AUDIO POWER AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA311DG4 データシート(HTML) 4 Page - Texas Instruments

  TPA311DG4 Datasheet HTML 1Page - Texas Instruments TPA311DG4 Datasheet HTML 2Page - Texas Instruments TPA311DG4 Datasheet HTML 3Page - Texas Instruments TPA311DG4 Datasheet HTML 4Page - Texas Instruments TPA311DG4 Datasheet HTML 5Page - Texas Instruments TPA311DG4 Datasheet HTML 6Page - Texas Instruments TPA311DG4 Datasheet HTML 7Page - Texas Instruments TPA311DG4 Datasheet HTML 8Page - Texas Instruments TPA311DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPA311
350-mW MONO AUDIO POWER AMPLIFIER
SLOS207C – JANUARY 1998 – REVISED MAY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
SHUTDOWN = 0 V, SE/BTL = 0 V,
RL = 8 Ω, RF = 10 kΩ
5
20
mV
PSRR
Power supply rejection ratio
V
4 9Vto5 1V
BTL mode
78
dB
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
SE mode
76
dB
I
Supply current (see Figure 6)
SHUTDOWN = 0 V,
SE/BTL = 0.5 V, RF = 10 kΩ
BTL mode
0.7
1.5
mA
IDD
Supply current (see Figure 6)
SHUTDOWN = 0 V,
SE/BTL = 4.5 V, RF = 10Ω
SE mode
0.35
0.75
mA
IDD(SD)
Supply current, shutdown mode
(see Figure 7)
SHUTDOWN = VDD, SE/BTL = 0 V,
RF = 10 kΩ,
60
100
µA
|IIH|
High level input current
SHUTDOWN, VDD = 5.5 V, VI = VDD
1
µA
|IIH|
High-level input current
SE/BTL, VDD = 5.5 V, VI = VDD
1
µA
|IIL|
Low level input current
SHUTDOWN, VDD = 5.5 V, VI = 0 V
1
µA
|IIL|
Low-level input current
SE/BTL, VDD = 5.5 V, VI = 0 V
1
µA
operating characteristics, VDD = 5 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
P
Output power see Note 2
THD = 0.5%,
BTL mode,
See Figure 18
700
mW
PO
Output power, see Note 2
THD = 0.5%,
SE mode
300
mW
THD + N
Total harmonic distortion plus
noise
PO = 350 mW,
See Figure 16
f = 20 Hz to 4 kHz,
AV = – 2 V/V,
1%
BOM
Maximum output power bandwidth
AV = – 2 V/V,
THD = 2%,
See Figure 16
10
kHz
B1
Unity-gain bandwidth
Open loop,
See Figure 37
1.4
MHz
Supply ripple rejection ratio
f = 1 kHz,
See Figure 5
CB = 1 µF,
BTL mode,
65
dB
Supply ripple rejection ratio
f = 1 kHz,
See Figure 4
CB = 1 µF,
SE mode,
75
dB
Vn
Noise output voltage
AV = – 1 V/V,
BTL,
CB = 0.1 µF,
See Figure 43
RL = 32 Ω,
15
µV(rms)
NOTE 2: Output power is measured at the output terminals of the device at f = 1 kHz.


同様の部品番号 - TPA311DG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA311DGN TI-TPA311DGN Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA311DG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com