データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STC03DE220HV データシート(PDF) 4 Page - STMicroelectronics

部品番号 STC03DE220HV
部品情報  Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE220HV データシート(HTML) 4 Page - STMicroelectronics

  STC03DE220HV Datasheet HTML 1Page - STMicroelectronics STC03DE220HV Datasheet HTML 2Page - STMicroelectronics STC03DE220HV Datasheet HTML 3Page - STMicroelectronics STC03DE220HV Datasheet HTML 4Page - STMicroelectronics STC03DE220HV Datasheet HTML 5Page - STMicroelectronics STC03DE220HV Datasheet HTML 6Page - STMicroelectronics STC03DE220HV Datasheet HTML 7Page - STMicroelectronics STC03DE220HV Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical characteristics
STC03DE220HV
4/8
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
ICS(SS)
Collector-source current
(VBS =VGS =0V)
VCS(SS) =2200V
100
µA
IBS(OS)
Base-source current
(IC =0, VGS =0V)
VBS(OS) =30V
10
µA
ISB(OS)
Source-base current
(IC =0, VGS =0V)
VSB(OS) =9V
100
µA
IGS(OS)
Gate-source leakage
(VBS =0V)
VGS = ± 20V
500
nA
VCS(ON)
Collector-source ON
voltage
VGS =10V IC =3A IB =0.3A
VGS =10V IC =6A IB =1.2A
1
1
V
V
hFE
DC current gain
VCS =1V
VGS =10V IC =3A
VCS =1V VGS =10V IC =6A
10
5
VBS(ON)
Base-source ON
voltage
VGS =10V IC =3A IB =0.3A
VGS =10V IC =6A IB =1.2A
0.9
1.2
V
V
VGS(th)
Gate threshold voltage
VBS =VGS IB =250µA
1.5
2.2
3
V
Ciss
Input capacitance
VCS =25V f =1MHz
VGS=VCB=0V
750
pF
QGS(tot)
Gate-source Charge
VCS=15V
VGS=10V
VCB=0V
IC =1.8A
12.5
nC
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
VGS =10V
RG =47Ω
VClamp =1760V
tp =4µs
IC =1.5A
IB =0.3A
1040
20
ns
ns
VCS(dyn)
Collector-source
dynamic voltage
(500ns)
VCC =VClamp =400V
VGS =10V
IC =1.5A
IB = 0.3A
RG =47Ω
tpeak =500ns
IBpeak =3A
7.6
V
VCS(dyn)
Collector-source
dynamic voltage
(1
µs)
VCC =VClamp =400V
VGS =10V
IC =1.5A
IB = 0.3A
RG =47Ω
tpeak =500ns
IBpeak =3A
5.8
V
VCSW
Maximum collector-
source voltage switched
without snubber
RG =47Ω
hFE =5
IC = 3A
2200
V


同様の部品番号 - STC03DE220HV

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
More results

同様の説明 - STC03DE220HV

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STE07DE220 STMICROELECTRONICS-STE07DE220 Datasheet
113Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 7A - 0.07??power module
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC20DE90HV STMICROELECTRONICS-STC20DE90HV Datasheet
255Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
STC20DE90HP STMICROELECTRONICS-STC20DE90HP Datasheet
281Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
STE50DE100 STMICROELECTRONICS-STE50DE100_07 Datasheet
308Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1000V - 50A - 0.026 ohm
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com