データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6101A2 データシート(PDF) 2 Page - Texas Instruments

部品番号 TPA6101A2
部品情報  50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6101A2 データシート(HTML) 2 Page - Texas Instruments

  TPA6101A2_07 Datasheet HTML 1Page - Texas Instruments TPA6101A2_07 Datasheet HTML 2Page - Texas Instruments TPA6101A2_07 Datasheet HTML 3Page - Texas Instruments TPA6101A2_07 Datasheet HTML 4Page - Texas Instruments TPA6101A2_07 Datasheet HTML 5Page - Texas Instruments TPA6101A2_07 Datasheet HTML 6Page - Texas Instruments TPA6101A2_07 Datasheet HTML 7Page - Texas Instruments TPA6101A2_07 Datasheet HTML 8Page - Texas Instruments TPA6101A2_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPA6101A2
50mW ULTRALOW VOLTAGE, FIXEDGAIN STEREO HEADPHONE
AUDIO POWER AMPLIFIER
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
TA
PACKAGED DEVICE
MSOP
BGA
TA
SMALL OUTLINE (D)
MSOP (DGK)
BGA (ZQY)
MSOP
SYMBOLIZATION
BGA
SYMBOLIZATION
−40
°C to 85°C
TPA6101A2D
TPA6101A2DGK
TPA6101A2ZQYR
AJM
AAQI
Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
D,
DGK
ZQY
I/O
DESCRIPTION
BYPASS
1
A1
I
Tap to voltage divider for internal mid-supply bias supply. BYPASS is set at VDD/4. Connect to a 0.1-µF
to 1-
µF low-ESR capacitor for best performance.
GND
2
B1
GND is the ground connection.
IN1−
8
A4
I
IN1− is the inverting input for channel 1.
IN2−
4
D1
I
IN2− is the inverting input for channel 2.
SHUTDOWN
3
C1
I
Active-low input. When held low, the device is placed in a low-supply-current mode.
VDD
6
C4
VDD is the supply voltage terminal.
VO1
7
B4
O
VO1 is the audio output for channel 1.
VO2
5
D4
O
VO2 is the audio output for channel 2.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VDD
4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
−0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
710 mW
5.68 mW/
°C
454 mW
369 mW
DGK
469 mW
3.75 mW/
°C
300 mW
244 mW
ZQY
2 W
17.1 mW/
°C
1.28 W
1.04 W
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
1.6
3.6
V
High-level input voltage, VIH (SHUTDOWN)
0.6 VDD
V
Low-level input voltage, VIL (SHUTDOWN)
0.25 VDD
V
Operating free-air temperature, TA
–40
85
°C


同様の部品番号 - TPA6101A2_07

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
More results

同様の説明 - TPA6101A2_07

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D_06 Datasheet
256Kb / 11P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2_06 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com