データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6102A2D データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6102A2D
部品情報  50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6102A2D データシート(HTML) 1 Page - Texas Instruments

  TPA6102A2D Datasheet HTML 1Page - Texas Instruments TPA6102A2D Datasheet HTML 2Page - Texas Instruments TPA6102A2D Datasheet HTML 3Page - Texas Instruments TPA6102A2D Datasheet HTML 4Page - Texas Instruments TPA6102A2D Datasheet HTML 5Page - Texas Instruments TPA6102A2D Datasheet HTML 6Page - Texas Instruments TPA6102A2D Datasheet HTML 7Page - Texas Instruments TPA6102A2D Datasheet HTML 8Page - Texas Instruments TPA6102A2D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TPA6102A2
50mW ULTRALOW VOLTAGE, FIXEDGAIN STEREO HEADPHONE
AUDIO POWER AMPLIFIER
SLOS324B − JUNE 2000 − REVISED SEPTEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 50-mW Stereo Output
D Low Supply Current . . . 0.75 mA
D Low Shutdown Current ...50 nA
D Minimal External Components Required
D Gain Set Internally to 14 dB
D Pop Reduction Circuitry
D Internal Mid-Rail Generation
D Thermal and Short-Circuit Protection
D Surface-Mount Packaging
− MSOP
− SOIC
D 1.6-V to 3.6-V Supply Voltage Range
description
The TPA6102A2 is a stereo audio power amplifier packaged in either an 8-pin SOIC package or an 8-pin MOSP
package capable of delivering 50 mW of continuous RMS power per channel into 16-
Ω loads. Amplifier gain
is internally set to 14 dB (inverting) to save board space by eliminating six external resistors.
The TPA6102A2 is optimized for battery applications because of its low-supply current, shutdown current, and
THD+N. To obtain the low-supply voltage range, the TPA6102A2 biases BYPASS to VDD/4.
When driving a 16-
Ω load with 40-mW output power from 3.3 V, THD+N is 0.08% at 1 kHz, and less than 0.2%
across the audio band of 20 Hz to 20 kHz. For 30 mW into 32-
Ω loads, the THD+N is reduced to less than 0.06%
at 1 kHz, and is less than 0.3% across the audio band of 20 Hz to 20 kHz.
typical application circuit
Audio
Input
Bias
Control
6
7
5
2
VO1
VO2
VDD
3
8
1
4
IN 1−
BYPASS
SHUTDOWN
VDD/4
CI
20 k
100 k
CB
CS
Audio
Input
CI
IN 2−
VDD
From Shutdown
Control Circuit
+
+
CC
CC
100 k
20 k
100 k
100 k
1
2
3
4
8
7
6
5
BYPASS
GND
SHUTDOWN
IN2−
IN1−
VO1
VDD
VO2
D or DGK PACKAGE
(TOP VIEW)
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - TPA6102A2D

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6102A2D TI-TPA6102A2D Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2D TI1-TPA6102A2D Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2DG4 TI1-TPA6102A2DG4 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2DGK TI-TPA6102A2DGK Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2DGK TI1-TPA6102A2DGK Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA6102A2D

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2_07 Datasheet
500Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D_06 Datasheet
256Kb / 11P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com