データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6120A2DWP データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6120A2DWP
部品情報  HIGH FIDELITY HEADPHONE AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6120A2DWP データシート(HTML) 11 Page - Texas Instruments

Back Button TPA6120A2DWP Datasheet HTML 7Page - Texas Instruments TPA6120A2DWP Datasheet HTML 8Page - Texas Instruments TPA6120A2DWP Datasheet HTML 9Page - Texas Instruments TPA6120A2DWP Datasheet HTML 10Page - Texas Instruments TPA6120A2DWP Datasheet HTML 11Page - Texas Instruments TPA6120A2DWP Datasheet HTML 12Page - Texas Instruments TPA6120A2DWP Datasheet HTML 13Page - Texas Instruments TPA6120A2DWP Datasheet HTML 14Page - Texas Instruments TPA6120A2DWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
10M
100k
500M
1M
100M
10k
1k
100
10
f − Frequency − Hz
−27
−30
−18
−15
−12
−3
−9
−6
VI = 500 mV
−24
−21
Gain = 1 V/V
VCC = ± 15 V
RF = 820 Ω
RL = 25 Ω
VI = 250 mV
VI = 125 mV
VI = 62.5 mV
10M
100k
500M
1M
100M
10k
1k
100
10
f − Frequency − Hz
−21
−24
−12
−9
−6
3
−3
0
VI = 500 mV
−18
−15
Gain = 2 V/V
VCC = ± 15 V
RF = 680 Ω
RL = 25 Ω
VI = 250 mV
VI = 125 mV
VI = 62.5 mV
t − Time − ns
VCC = ±15 V
Gain = 2 V/V
RL = 25 Ω
RF = 1 kΩ
tr/tf= 300 ps
See Figure 3
100
−100
0
−200
300
200
0
150
100
50
200
250
350
300
400
450 500
400
−300
−400
t − Time − ns
2
−2
0
−4
6
4
0
150
100
50
200
250
350
300
400
450 500
8
−6
−8
VCC = ±15 V
Gain = 2 V/V
RL = 25 Ω
RF = 1 kΩ
tr/tf= 5 ns
See Figure 3
TPA6120A2
SLOS431 – MARCH 2004
TYPICAL CHARACTERISTICS (continued)
SMALL AND LARGE SIGNAL
SMALL AND LARGE SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 19.
Figure 20.
400-mV STEP RESPONSE
10-V STEP RESPONSE
Figure 21.
Figure 22.
11


同様の部品番号 - TPA6120A2DWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI1-TPA6120A2DWP Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2DWPG4 TI-TPA6120A2DWPG4 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWPG4 TI1-TPA6120A2DWPG4 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
More results

同様の説明 - TPA6120A2DWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com