データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6130A2YZH データシート(PDF) 9 Page - Texas Instruments

部品番号 TPA6130A2YZH
部品情報  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6130A2YZH データシート(HTML) 9 Page - Texas Instruments

Back Button TPA6130A2YZH Datasheet HTML 5Page - Texas Instruments TPA6130A2YZH Datasheet HTML 6Page - Texas Instruments TPA6130A2YZH Datasheet HTML 7Page - Texas Instruments TPA6130A2YZH Datasheet HTML 8Page - Texas Instruments TPA6130A2YZH Datasheet HTML 9Page - Texas Instruments TPA6130A2YZH Datasheet HTML 10Page - Texas Instruments TPA6130A2YZH Datasheet HTML 11Page - Texas Instruments TPA6130A2YZH Datasheet HTML 12Page - Texas Instruments TPA6130A2YZH Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
V
=3.6V,
Gain=6.1dB,
BTL
L
DD
W
P
=200mW
O
P
=25mW
O
1
0.01
0.1
0.001
P
=100mW
O
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
V
=5V,
Gain=6.1dB,
BTL
L
DD
W
P
=100mW
O
P
=25mW
O
1
0.01
0.1
0.001
P
=200mW
O
20
100
1k
10k 20k
f-Frequency-Hz
R =32
,
V
=2.5V,
Gain=6.1dB,
BTL
L
DD
W
P
=25mW
O
1
0.01
0.1
0.001
P
=100mW
O
P
=5mW
O
20
100
1k
10k 20k
f-Frequency-Hz
R =32
,
V
=3.6V,
Gain=6.1dB,
BTL
L
DD
W
P
=100mW
O
P
=25mW
O
1
0.01
0.1
0.001
P
=200mW
O
20
100
1k
10k 20k
f-Frequency-Hz
R =32
,
V
=5V,
Gain=6.1dB,
BTL
L
DD
W
P
=100mW
O
P
=25mW
O
1
0.01
0.1
0.001
P
=200mW
O
0
-100
-80
-60
-40
-20
-120
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
Gain=0.1dB,
Cp=1 F,
Stereo
L
W
m
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
0
-100
-80
-60
-40
-20
-120
20
100
1k
10k 20k
f-Frequency-Hz
R =32
,
Gain=0.1dB,
Cp=1 F,
Stereo
L
W
m
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
0
-100
-80
-60
-40
-20
-120
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
Gain=6.1dB,
Cp=1 F,
BTL
L
W
m
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
0
-70
-60
-50
-40
-30
-20
-10
-80
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
Gain=0.1dB,
C =2.2 F,
Stereo
L
W
m
I
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
TPA6130A2
SLOS488A – NOVEMBER 2006 – REVISED DECEMBER 2006
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 18.
Figure 19.
Figure 20.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
SUPPLY VOLTAGE REJECTION
NOISE
NOISE
RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 21.
Figure 22.
Figure 23.
SUPPLY VOLTAGE REJECTION
SUPPLY VOLTAGE REJECTION
RATIO
RATIO
COMMON MODE REJECTION RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 24.
Figure 25.
Figure 26.
9


同様の部品番号 - TPA6130A2YZH

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6130A2YZH TI-TPA6130A2YZH Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI-TPA6130A2YZHR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI-TPA6130A2YZHR Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI1-TPA6130A2YZHR Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2YZHR TI1-TPA6130A2YZHR Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

同様の説明 - TPA6130A2YZH

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com