データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6130A2RTJR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6130A2RTJR
部品情報  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6130A2RTJR データシート(HTML) 7 Page - Texas Instruments

Back Button TPA6130A2RTJR Datasheet HTML 3Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 4Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 5Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 9Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 10Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
1
10
0.01
0.1
0.001
100m
1m
10m
100m
1
P
-OutputPower-W
O
R =16
,
Gain=0.1dB,
V
=3.6V,
L
DD
W
f
=1kHz,
Stereo
IN
InPhase
OutofPhase
10
1
0.1
0.01
0.001
100m
1m
100m
10m
1
P
-OutputPower-W
O
InPhase
OutofPhase
R =32
,
Gain=0.1dB,
V
=3.6V,
L
DD
W
f
=1kHz,
Stereo
IN
1
10
0.01
0.1
0.001
100m
1m
10m
100m
1
P
-OutputPower-W
O
R =16
,
Gain=0.1dB,
L
W
f
=1kHz,
Stereo
IN
V
=3V
DD
V
=3.6V
DD
V
=5V
DD
V
=2.5V
DD
1
10
0.01
0.1
0.001
100m
1m
10m
100m
1
P
-OutputPower-W
O
V
=3.6V
DD
V
=3V
DD
V
=5V
DD
R =32
,
Gain=0.1dB,
L
W
f
=1kHz,
Stereo
IN
V
=2.5V
DD
1
10
0.01
0.1
0.001
100m
1m
10m
100m
2
P
-OutputPower-W
O
1
R =16
,
Gain=6.1dB,
L
W
f
=1kHz,
BTL
IN
V
=3V
DD
V
=3.6V
DD
V
=5V
DD
V
=2.5V
DD
1
10
0.01
0.1
0.001
100m
1m
10m
100m
2
P
-OutputPower-W
O
1
R =32
,
Gain=6.1dB,
L
W
f
=1kHz,
BTL
IN
V
=5V
DD
V
=2.5V
DD
V
=3V
DD
V
=3.6V
DD
TPA6130A2
SLOS488A – NOVEMBER 2006 – REVISED DECEMBER 2006
C
(PUMP, DECOUPLE, ,BYPASS, CPVSS) = 1 µF, CI = 2.2µF.
All THD + N graphs taken with outputs out of phase (unless otherwise noted).
FIGURE
Total harmonic distortion + noise
vs Output power
3–8
Total harmonic distortion + noise
vs Frequency
9–22
Supply voltage rejection ratio
vs Frequency
23-25
Common mode rejection ratio
vs Frequency
26-27
Output power
vs Load
28-29
Output voltage
vs Load
30-31
Power Dissipation
vs Output power
32
Differential Input Impedance
vs Gain
33
Shutdown time
34
Startup time
35
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 3.
Figure 4.
Figure 5.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 6.
Figure 7.
Figure 8.
7


同様の部品番号 - TPA6130A2RTJR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6130A2RTJR TI-TPA6130A2RTJR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJR TI-TPA6130A2RTJR Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
ATMEL Corporation
TPA6130A2RTJR ATMEL-TPA6130A2RTJR Datasheet
137Kb / 4P
   AVR32 EVK1104 Evaluation Kit
logo
Texas Instruments
TPA6130A2RTJR TI1-TPA6130A2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2RTJR TI1-TPA6130A2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

同様の説明 - TPA6130A2RTJR

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com