データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6111A2DRG4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6111A2DRG4
部品情報  150-mW STEREO AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6111A2DRG4 データシート(HTML) 5 Page - Texas Instruments

  TPA6111A2DRG4 Datasheet HTML 1Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 2Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 3Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 4Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 5Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 6Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 7Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 8Page - Texas Instruments TPA6111A2DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.001
10
0.01
0.1
1
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 3.3 V,
PO = 25 mW,
CB = 1 µF,
RL = 32 Ω,
AV = −1 V/V
10
100
0.001
10
0.01
0.1
1
VDD = 3.3 V,
RL = 32 Ω,
AV = −1 V/V,
CB = 1 µF
50
PO − Output Power − mW
20 Hz
1 kHz
20 kHz
TPA6111A2
SLOS313B – DECEMBER 2000 – REVISED JUNE 2004
Table of Graphs
FIGURE
vs Frequency
1, 3, 5, 6, 7, 9, 11, 13,
THD+N
Total harmonic distortion plus noise
vs Output power
2, 4, 8, 10, 12, 14
Supply ripple rejection ratio
vs Frequency
15, 16
Vn
Output noise voltage
vs Frequency
17, 18
Crosstalk
vs Frequency
19–24
Shutdown attenuation
vs Frequency
25, 26
Open-loop gain and phase margin
vs Frequency
27, 28
Output power
vs Load resistance
29, 30
IDD
Supply current
vs Supply voltage
31
SNR
Signal-to-noise ratio
vs Voltage gain
32
Power dissipation/amplifier
vs Load power
33, 34
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 1.
Figure 2.
5


同様の部品番号 - TPA6111A2DRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6111A2DRG4 TI1-TPA6111A2DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
More results

同様の説明 - TPA6111A2DRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com