データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6203A1DGN データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6203A1DGN
部品情報  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6203A1DGN データシート(HTML) 3 Page - Texas Instruments

  TPA6203A1DGN Datasheet HTML 1Page - Texas Instruments TPA6203A1DGN Datasheet HTML 2Page - Texas Instruments TPA6203A1DGN Datasheet HTML 3Page - Texas Instruments TPA6203A1DGN Datasheet HTML 4Page - Texas Instruments TPA6203A1DGN Datasheet HTML 5Page - Texas Instruments TPA6203A1DGN Datasheet HTML 6Page - Texas Instruments TPA6203A1DGN Datasheet HTML 7Page - Texas Instruments TPA6203A1DGN Datasheet HTML 8Page - Texas Instruments TPA6203A1DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA6203A1
SLOS364E – MARCH 2002 – REVISED DECEMBER 2005
T
A = 25°C, Gain = 1 V/V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage (measured
|VOO|
VI = 0 V, VDD = 2.5 V to 5.5 V
9
mV
differentially)
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V
-90
-70
dB
VDD = 3.6 V to 5.5 V, VIC = 0.5 V to VDD-0.8
-70
-65
CMRR
Common-mode rejection ratio
dB
VDD = 2.5 V, VIC = 0.5 V to 1.7 V
-62
-55
VDD = 5.5 V
0.30
0.46
RL = 8 Ω, VIN+ = VDD,
VOL
Low-level output voltage
VDD = 3.6 V
0.22
V
VIN- = 0 V or VIN+ = 0 V, VIN- = VDD
VDD = 2.5 V
0.19
0.26
VDD = 5.5 V
4.8
5.12
RL = 8 Ω, VIN+ = VDD,
VOH
High-level output voltage
VDD = 3.6 V
3.28
V
VIN- = 0 V or VIN+ = 0 V, VIN- = VDD
VDD = 2.5 V
2.1
2.24
|IIH|
High-level input current
VDD = 5.5 V, VI = 5.8 V
1.2
µA
|IIL|
Low-level input current
VDD = 5.5 V, VI = -0.3 V
1.2
µA
IDD
Supply current
VDD = 2.5 V to 5.5 V, No load, SHUTDOWN = 2 V
1.7
2
mA
IDD(SD)
Supply current in shutdown mode SHUTDOWN = 0.8 V, VDD = 2.5 V to 5.5 V, No load
0.01
0.9
µA
T
A = 25°C, Gain = 1 V/V, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
1.25
PO
Output power
THD + N = 1%, f = 1 kHz
VDD = 3.6 V
0.63
W
VDD = 2.5 V
0.3
VDD = 5 V, PO = 1 W, f = 1 kHz
0.06%
Total harmonic distortion
THD+N
VDD = 3.6 V, PO = 0.5 W, f = 1 kHz
0.07%
plus noise
VDD = 2.5 V, PO = 200 mW, f = 1 kHz
0.08%
C(BYPASS) = 0.47 °F,
f = 217 Hz to 2 kHz,
VDD = 3.6 V to 5.5 V,
-87
VRIPPLE = 200 mVPP
Inputs ac-grounded with CI = 2 µF
C(BYPASS) = 0.47 µF,
f = 217 Hz to 2 kHz,
kSVR
Supply ripple rejection ratio
VDD = 2.5 V to 3.6 V,
-82
dB
VRIPPLE = 200 mVPP
Inputs ac-grounded with CI = 2 µF
C(BYPASS) = 0.47 µF,
f = 40 Hz to 20 kHz,
VDD = 2.5 V to 5.5 V,
≤-74
VRIPPLE = 200 mVPP
Inputs ac-grounded with CI = 2 µF
SNR
Signal-to-noise ratio
VDD = 5 V, PO= 1 W
104
dB
No weighting
17
Vn
Output voltage noise
f = 20 Hz to 20 kHz
µV
RMS
A weighting
13
VDD = 2.5 V to 5.5 V,
f = 20 Hz to 1 kHz
≤-85
Common-mode rejection
CMRR
resistor tolerance = 0.1%,
dB
ratio
f = 20 Hz to 20 kHz
≤-74
gain = 4V/V, VICM = 200 mVPP
ZI
Input impedance
2
M
ZO
Output impedance
Shutdown mode
>10k
Shutdown attenuation
f = 20 Hz to 20 kHz, RF = RI = 20 kΩ
-80
dB
3


同様の部品番号 - TPA6203A1DGN

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6203A1DGN TI1-TPA6203A1DGN Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGN TI-TPA6203A1DGN Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNG4 TI1-TPA6203A1DGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNR TI1-TPA6203A1DGNR Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNR TI-TPA6203A1DGNR Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA6203A1DGN

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com