データシートサーチシステム |
|
TPA6211A1DRBR データシート(PDF) 3 Page - Texas Instruments |
|
|
TPA6211A1DRBR データシート(HTML) 3 Page - Texas Instruments |
3 / 29 page www.ti.com RECOMMENDED OPERATION CONDITIONS ELECTRICAL CHARACTERISTICS 38 kW R I 40 kW R I 42 kW R I TPA6211A1 SLOS367B – AUGUST 2003 – REVISED AUGUST 2004 MIN TYP MAX UNIT VDD Supply voltage 2.5 5.5 V VIH High-level input voltage SHUTDOWN 1.55 V VIL Low-level input voltage SHUTDOWN 0.5 V TA Operating free-air temperature -40 85 °C T A = 25°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Output offset voltage (measured VOS VI = 0 V differential, Gain = 1 V/V, VDD = 5.5 V -9 0.3 9 mV differentially) PSRR Power supply rejection ratio VDD = 2.5 V to 5.5 V -85 -60 dB VIC Common mode input range VDD = 2.5 V to 5.5 V 0.5 VDD-0.8 V VDD = 5.5 V, VIC = 0.5 V to 4.7 V -63 -40 CMRR Common mode rejection ratio dB VDD = 2.5 V, VIC = 0.5 V to 1.7 V -63 -40 VDD = 5.5 V 0.45 RL = 4 Ω, Gain = 1 V/V, Low-output swing VIN+ = VDD, VIN- = 0 V or VDD = 3.6 V 0.37 V VIN+ = 0 V, VIN- = VDD VDD = 2.5 V 0.26 0.4 VDD = 5.5 V 4.95 RL = 4 Ω, Gain = 1 V/V, High-output swing VIN+ = VDD, VIN- = 0 V or VDD = 3.6 V 3.18 V VIN- = VDD VIN+ = 0 V VDD = 2.5 V 2 2.13 | IIH | High-level input current, shutdown VDD = 5.5 V, VI = 5.8 V 58 100 µA | IIL | Low-level input current, shutdown VDD = 5.5 V, VI = -0.3 V 3 100 µA IQ Quiescent current VDD = 2.5 V to 5.5 V, no load 4 5 mA V(SHUTDOWN) ≤ 0.5 V, V DD = 2.5 V to 5.5 V, I(SD) Supply current 0.01 1 µA RL = 4Ω Gain RL = 4Ω V/V Resistance from shutdown to GND 100 k Ω 3 |
同様の部品番号 - TPA6211A1DRBR |
|
同様の説明 - TPA6211A1DRBR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |