データシートサーチシステム |
|
1N6300ARL4G データシート(PDF) 2 Page - ON Semiconductor |
|
1N6300ARL4G データシート(HTML) 2 Page - ON Semiconductor |
2 / 7 page Uni−Directional TVS IPP IF V I IR IT VRWM VC VBR VF 1N6267A Series http://onsemi.com 2 MAXIMUM RATINGS Rating Symbol Value Unit Peak Power Dissipation (Note 1) @ TL ≤ 25°C PPK 1500 W Steady State Power Dissipation @ TL ≤ 75°C, Lead Length = 3/8 in Derated above TL = 75°C PD 5.0 20 W mW/ °C Thermal Resistance, Junction−to−Lead RqJL 20 °C/W Forward Surge Current (Note 2) @ TA = 25°C IFSM 200 A Operating and Storage Temperature Range TJ, Tstg − 65 to +175 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Nonrepetitive current pulse per Figure 5 and derated above TA = 25°C per Figure 2. 2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. NOTES: Please see 1.5KE6.8CA to 1.5KE250CA for Bidirectional Devices ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max., IF (Note 3) = 100 A) Symbol Parameter IPP Maximum Reverse Peak Pulse Current VC Clamping Voltage @ IPP VRWM Working Peak Reverse Voltage IR Maximum Reverse Leakage Current @ VRWM VBR Breakdown Voltage @ IT IT Test Current QVBR Maximum Temperature Coefficient of VBR IF Forward Current VF Forward Voltage @ IF |
同様の部品番号 - 1N6300ARL4G |
|
同様の説明 - 1N6300ARL4G |