データシートサーチシステム |
|
TL750L10QLP データシート(PDF) 4 Page - Texas Instruments |
|
TL750L10QLP データシート(HTML) 4 Page - Texas Instruments |
4 / 20 page www.ti.com TL75xL05 Electrical Characteristics (1) TL75xL08 Electrical Characteristics (1) TL750L, TL751L SERIES LOW-DROPOUT VOLTAGE REGULATORS SLVS017S – SEPTEMBER 1987 – REVISED AUGUST 2005 V I = 14 V, IO = 10 mA, TJ = 25°C (unless otherwise noted) TL750L05 TL751L05 PARAMETER TEST CONDITIONS UNIT MIN TYP MAX TJ = 25°C 4.8 5 5.2 Output voltage VI = 6 V to 26 V, IO = 0 to 150 mA V TJ = 0°C to 125°C 4.75 5.25 VI = 9 V to 16 V 5 10 Input regulation voltage mV VI = 6 V to 26 V 6 30 Ripple rejection VI = 8 V to 18 V, f = 120 Hz 60 65 dB Output regulation voltage IO = 5 mA to 150 mA 20 50 mV IO = 10 mA 0.2 Dropout voltage V IO = 150 mA 0.6 Output noise voltage f = 10 Hz to 100 kHz 500 µV IO = 150 mA 10 12 Input bias current VI = 6 V to 26 V, IO = 10 mA, TJ = 0°C to 125°C 1 2 mA ENABLE ≥ 2 V 0.5 (1) Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.1- µF capacitor across the input and a 10-µF capacitor, with equivalent series resistance of less than 0.4 Ω, across the output. V I = 14 V, IO = 10 mA, TJ = 25°C (unless otherwise noted) TL750L08 TL751L08 PARAMETER TEST CONDITIONS UNIT MIN TYP MAX TJ = 25°C 7.68 8 8.32 Output voltage VI = 9 V to 26 V, IO = 0 to 150 mA V TJ = 0°C to 125°C 7.6 8.4 VI = 10 V to 17 V 10 20 Input regulation voltage mV VI = 9 V to 26 V 25 50 Ripple rejection VI = 11 V to 21 V, f = 120 Hz 60 65 dB Output regulation voltage IO = 5 mA to 150 mA 40 80 mV IO = 10 mA 0.2 Dropout voltage V IO = 150 mA 0.6 Output noise voltage f = 10 Hz to 100 kHz 500 µV IO = 150 mA 10 12 Input bias current VI = 9 V to 26 V, IO = 10 mA, TJ = 0°C to 125°C 1 2 mA ENABLE ≥ 2 V 0.5 (1) Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.1- µF capacitor across the input and a 10-µF capacitor, with equivalent series resistance of less than 0.4 Ω, across the output. 4 |
同様の部品番号 - TL750L10QLP |
|
同様の説明 - TL750L10QLP |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |