データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA741D データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA741D
部品情報  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA741D データシート(HTML) 7 Page - Texas Instruments

Back Button TPA741D Datasheet HTML 3Page - Texas Instruments TPA741D Datasheet HTML 4Page - Texas Instruments TPA741D Datasheet HTML 5Page - Texas Instruments TPA741D Datasheet HTML 6Page - Texas Instruments TPA741D Datasheet HTML 7Page - Texas Instruments TPA741D Datasheet HTML 8Page - Texas Instruments TPA741D Datasheet HTML 9Page - Texas Instruments TPA741D Datasheet HTML 10Page - Texas Instruments TPA741D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
f − Frequency − Hz
PO = 125 mW
VDD = 3.3 V
RL = 8 Ω
AV = −2 V/V
20
1k
10k
1
0.01
10
0.1
20k
100
PO = 50 mW
PO = 250 mW
PO − Output Power − W
0
0.15
0.4
1
0.01
10
0.1
0.2
0.25
0.3
0.35
VDD = 3.3 V
f = 1 kHz
AV = −2 V/V
0.05
0.1
RL = 8 Ω
PO − Output Power − W
f = 20 kHz
VDD = 3.3 V
RL = 8 Ω
CB = 1 µF
AV = −2 V/V
0.01
0.1
1
1
0.01
10
0.1
f = 1 kHz
f = 10 kHz
f = 20 Hz
f − Frequency − Hz
AV =− 2 V/V
VDD = 5 V
PO = 700 mW
RL = 8 Ω
20
1k
10k
1
0.01
10
0.1
20k
100
AV = −20 V/V
AV = −10 V/V
TPA741
SLOS316C – JUNE 2000 – REVISED JUNE 2004
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 8.
Figure 9.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
FREQUENCY
Figure 10.
Figure 11.
7


同様の部品番号 - TPA741D

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA741D TI-TPA741D Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741DGN TI-TPA741DGN Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

同様の説明 - TPA741D

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751 Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_07 Datasheet
919Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731 Datasheet
343Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_15 Datasheet
1Mb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com